công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC3G17YZP bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện SN74LVC3G17YZP
Giải thích chi tiết về linh kiện  SN74LVC3G17 Triple Schmitt-Trigger Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC3G17YZP bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SN74LVC3G17YZP Datasheet HTML 5Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 6Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 7Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 8Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 9Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 10Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 11Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 12Page - Texas Instruments SN74LVC3G17YZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
1A
1Y
1
7
2A
2Y
3
5
3A
3Y
6
2
SN74LVC3G17
www.ti.com
SCES470F – AUGUST 2003 – REVISED AUGUST 2015
8 Detailed Description
8.1 Overview
This triple Schmitt-trigger buffer is designed for 1.65-V to 5.5-V VCC operation. The SN74LVC3G17 device
contains three buffers and performs the Boolean function Y = A. The device functions as three independent
buffers but, because of Schmitt action, it may have different input threshold levels for positive-going (VT+) and
negative-going (VT–) signals. This device is fully specified for partial-power-down applications using Ioff. The Ioff
circuitry disables the outputs, preventing damaging current backflow through the device when it is powered
down. NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
8.2 Functional Block Diagram
8.3 Feature Description
SN74LVC3G17 is available in NanoFree package. NanoFree is a major breakthrough in IC packaging concepts,
it is a bare die package developed for applications that require the smallest possible package. The device
supports 5-V VCC Operation. All Inputs accept voltages up to 5.5 V. ±24-mA Output Drive at 3.3 V. The maximum
time propagation delay (tpd ) is 5.4 ns at 3.3 V. Low Power Consumption, 10-μA Max ICC. Typical output ground
bounce (VOLP ) and Output VOH Undershoot (VOHV). This device is fully specified for partial-powerdown
applications using Ioff. The Ioff feature ensures that damaging current will not backflow through the device when it
is powered down. The SN74LVC3G17 device has isolation during power off. Ioff supports live insertion, partial-
power-down mode and back drive protection. The device is latch-up resistant with 100 mA exceeding the JESD
78 standard, class II, providing protection from destruction due to latch-up. This device is protected against
electrostatic discharge. It is tested per JESD 22 using 2000-V human-body model (A114-B), 200-V machine
model (A115-A), and 1000-V charged-device model (C101).
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC3G17.
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
H
L
L
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC3G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com