| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS173A bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LS173A bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 19 page ![]() SN54173, SN54LS173A, SN74173, SN74LS173A 4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS SDLS067A – OCTOBER 1976 – REVISED JUNE 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE INPUTS OUTPUT CLR CLK DATA ENABLE DATA OUTPUT Q CLR CLK G1 G2 D Q H X X X X L L LX X X Q0 L ↑ HX X Q0 L ↑ XH X Q0 L ↑ L L L L L ↑ L L H H When either M or N (or both) is (are) high, the output is disabled to the high-impedance state; however, sequential operation of the flip-flops is not affected. logic symbol† G2 G1 G2 G1 1Q 3 R 15 CLR 13 2D 2Q 4 12 3D 3Q 5 11 4D 4Q 6 1 M 10 7 CLK & † This symbol is in accordance with ANSI/IEEE Standard 91-1984 and IEC Publication 617-12. Pin numbers shown are for D, J, N, and W packages. & EN C1 2 N 9 1D 14 1D 1Q 3 R 15 CLR 13 2D 2Q 4 12 3D 3Q 5 11 4D 4Q 6 1 M 10 7 CLK & & EN C1 2 N 9 1D 14 1D ’173 ’LS173A |