| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8883US/7EA/1Y bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8883US/7EA/1Y bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 35 page ![]() PCF8883 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 4.1 — 14 September 2016 22 of 35 NXP Semiconductors PCF8883 Capacitive touch/proximity switch with auto-calibration 18. Packing information 18.1 Tape and reel information Fig 20. Tape and reel details for PCF8883T Table 11. Carrier tape dimensions of PCF8883T Nominal values without production tolerances. Symbol Description Value Unit Compartments A0 pocket width in x direction 6.3 to 6.5 mm B0 pocket width in y direction 5.4 mm K0 pocket depth 2.05 to 2.1 mm P1 pocket hole pitch 8 mm D1 pocket hole diameter 1.5 mm Overall dimensions W tape width 12 mm D0 sprocket hole diameter 1.5 to 1.55 mm P0 sprocket hole pitch 4 mm |