công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCC28220 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện UCC28220
Giải thích chi tiết về linh kiện  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UCC28220 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button UCC28220_07 Datasheet HTML 17Page - Texas Instruments UCC28220_07 Datasheet HTML 18Page - Texas Instruments UCC28220_07 Datasheet HTML 19Page - Texas Instruments UCC28220_07 Datasheet HTML 20Page - Texas Instruments UCC28220_07 Datasheet HTML 21Page - Texas Instruments UCC28220_07 Datasheet HTML 22Page - Texas Instruments UCC28220_07 Datasheet HTML 23Page - Texas Instruments UCC28220_07 Datasheet HTML 24Page - Texas Instruments UCC28220_07 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
21
www.ti.com
APPLICATION INFORMATION
Related Products
DEVICE
DESCRIPTION
PACKAGE OPTION
UCC27323/4/5
Dual 4-A High Speed Low Side MOSFET Drivers
SOIC-8, PowerPAD MSOP-8, PDIP-8
UCC27423/4/5
Dual 4-A High Speed Low Side MOSFET Drivers
with Enable
SOIC-8, PowerPAD MSOP-8, PDIP-8
TPS2811/12/13
Dual 2.4-A High Speed Low Side MOSFET Drivers
SOIC-8, TSSOP-8, PDIP-8
UC3714/15
Dual 2.4-A High Speed Low Side MOSFET Drivers
SOIC-8, PowerSOIC-14, PDIP-8
References and Resources:
An evaluation module and an associated user’s guide are available. The UCC28221 is used in a two-channel
interleaved Forward design converting from 36-V to 76-V dc input voltage to a regulated 12-V dc output. The
power module has two isolated 100 W forward power stages operating at 500 kHz, which are operating 180
degrees out of phase with each other allowing for output current ripple cancellation and smaller magnetic
design. This design also takes advantage of the UCC28221’s on-board 110-V internal JFET start up circuit that
removes the need of an external trickle charge resistor for boot strapping. This circuit turns off after auxiliary
power is supplied to the device conserving power.
D Evaluation Module, UCC28221EVM, 48 VIN, 12 VOUT, 200-W Interleaved Forward Converter
D User’s Guide, UCC28221 Evaluation Module, Texas Instruments Literature Number SLUU173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com