công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCC28220 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện UCC28220
Giải thích chi tiết về linh kiện  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UCC28220 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button UCC28220_07 Datasheet HTML 5Page - Texas Instruments UCC28220_07 Datasheet HTML 6Page - Texas Instruments UCC28220_07 Datasheet HTML 7Page - Texas Instruments UCC28220_07 Datasheet HTML 8Page - Texas Instruments UCC28220_07 Datasheet HTML 9Page - Texas Instruments UCC28220_07 Datasheet HTML 10Page - Texas Instruments UCC28220_07 Datasheet HTML 11Page - Texas Instruments UCC28220_07 Datasheet HTML 12Page - Texas Instruments UCC28220_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
9
www.ti.com
APPLICATION INFORMATION
LINE Over Voltage and Under Voltage
Three pins are provided to turn-off the output drivers and reset the soft-start capacitor when the converter input
voltage is outside a prescribed range. The under-voltage set point and under-voltage hysteresis are accurately
set via external resistors. The over-voltage set point is also accurately set via a resistor ratio, but the hysteresis
is fixed by the same resistor that sets the u*nder-voltage hysteresis.
Figure 1 and 2 show detailed functional diagram and operation of the under voltage lockout (UVLO) and
over-voltage lockout (OVLO) features. The equations for setting the thresholds defined in Figure 2 are:
V1
+ 1.26
R1
(R2
) R3)
) 1.26
V2
+ 1.26
(R1
) Rx)
Rx
, where Rx
+ R4 (R2 ) R3)
V4
+ 1.26
(R1
) R2 ) R3)
R3
V3
+ V4 * 1.26
R1
R4
The UVLO hysteresis and the OVLO hysteresis can then be calculated as V2 − V1 and V4 − V3, respectively.
By examining the design equations it becomes apparent that the value of R4 sets the amount of hysteresis at
both thresholds. By realizing this fact, the designer can then set the value of R4 based on the most critical
hysteresis specification either at high line or at low line. In most designs the value of R4 will be determined by
the desired amount of hysteresis around the UVLO threshold. As an example consider a telecom power supply
with the following input UVLO and OVLO design specifications:
V1 = 32.0 V
V2 = 34.0 V
V3 = 83.0 V
V4 = 84.7 V
Then,
R1 = 976 kΩ
R2 = 24.9 kΩ
R3 = 15.0 kΩ
and
R4 = 604 kΩ
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com