công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA5534AD bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện SA5534AD
Giải thích chi tiết về linh kiện  NE5534x, SA5534x Low-Noise Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SA5534AD bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SA5534AD Datasheet HTML 6Page - Texas Instruments SA5534AD Datasheet HTML 7Page - Texas Instruments SA5534AD Datasheet HTML 8Page - Texas Instruments SA5534AD Datasheet HTML 9Page - Texas Instruments SA5534AD Datasheet HTML 10Page - Texas Instruments SA5534AD Datasheet HTML 11Page - Texas Instruments SA5534AD Datasheet HTML 12Page - Texas Instruments SA5534AD Datasheet HTML 13Page - Texas Instruments SA5534AD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
NE5534, NE5534A, SA5534, SA5534A
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
www.ti.com
8.3 Feature Description
8.3.1 Offset-Voltage Null Capability
The input offset voltage of operational amplifiers (op amps) arises from unavoidable mismatches in the
differential input stage of the op-amp circuit caused by mismatched transistor pairs, collector currents, current-
gain betas (
β), collector or emitter resistors, and so on. The input offset pins allow the designer to adjust for
these mismatches by external circuitry. See the Application and Implementation section for more details on
design techniques.
8.3.2 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. The NE5534 and SA5534 devices have a 13-V/
μs slew rate.
8.3.3 Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) of an amplifier is a measure of how well the device rejects unwanted
input signals common to both input leads. It is found by taking the ratio of the change in input offset voltage to
the change in the input voltage and converting to decibels. Ideally the CMRR is infinite, but in practice, amplifiers
are designed to have it as high as possible. The CMRR of the NE5534 and SA5534 devices is 100 dB.
8.3.4 Unity-Gain Bandwidth
The unity-gain bandwidth is the frequency up to which an amplifier with a unity gain may be operated without
greatly distorting the signal. The NE5534 and SA5534 devices have a 10-MHz unity-gain bandwidth.
8.3.5 External Compensation Capability
Frequency compensation with a capacitor may be used to increase the gain-bandwidth product (GBW) of the
amplifier. See the Application and Implementation section for more details on design techniques.
8.4 Device Functional Modes
The NE5534 and SA5534 devices are powered on when the supply is connected. Each of these devices can be
operated as a single supply operational amplifier or dual supply amplifier depending on the application.
10
Submit Documentation Feedback
Copyright © 1979–2014, Texas Instruments Incorporated
Product Folder Links: NE5534 NE5534A SA5534 SA5534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com