| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA5534AD bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SA5534AD bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 27 page ![]() NE5534, NE5534A, SA5534, SA5534A SLOS070D – JULY 1979 – REVISED NOVEMBER 2014 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN TYP MAX UNIT VCC+ 0 22 V VCC Supply voltage(2) VCC– –22 0 V Input voltage, either input(2)(3) VCC– VCC+ V Input current(4) –10 10 mA Duration of output short circuit(5) Unlimited TJ Operating virtual-junction temperature 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–. (3) The magnitude of the input voltage must never exceed the magnitude of the supply voltage. (4) Excessive current will flow if a differential input voltage in excess of approximately 0.6 V is applied between the inputs, unless some limiting resistance is used. (5) The output may be shorted to ground or either power supply. Temperature and/or supply voltages must be limited to ensure the maximum dissipation rating is not exceeded. 7.2 Handling Ratings MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, 0 2000 all pins V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification 0 200 JESD22-C101, all pins 7.3 Recommended Operating Conditions MIN MAX UNIT VCC+ 5 15 V VCC Supply voltage VCC– –5 –15 V NE5534, NE5534A 0 70 TA Operating free-air temperature °C SA5534, SA5534A –40 85 7.4 Thermal Information NE5534, NE5534A SA5534, and SA5534A THERMAL METRIC(1) UNIT D P PS 8 PINS RθJA Package thermal impedance(2)(3) 97 85 95 °C/W (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953). (2) The package thermal impedance is calculated in accordance with JESD 51-7. (3) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA) / θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 4 Submit Documentation Feedback Copyright © 1979–2014, Texas Instruments Incorporated Product Folder Links: NE5534 NE5534A SA5534 SA5534A |