công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA4872MDREP bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện OPA4872MDREP
Giải thích chi tiết về linh kiện  4:1 HIGH-SPEED MULTIPLEXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872MDREP bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 14Page - Texas Instruments OPA4872MDREP Datasheet HTML 15Page - Texas Instruments OPA4872MDREP Datasheet HTML 16Page - Texas Instruments OPA4872MDREP Datasheet HTML 17Page - Texas Instruments OPA4872MDREP Datasheet HTML 18Page - Texas Instruments OPA4872MDREP Datasheet HTML 19Page - Texas Instruments OPA4872MDREP Datasheet HTML 20Page - Texas Instruments OPA4872MDREP Datasheet HTML 21Page - Texas Instruments OPA4872MDREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
THERMAL ANALYSIS
4kT=1.6x10
J
at290K
-20
4kT
V
RF
=
4kTR
F
Ö
OPA4872
e
n
i
ni
i
in
R
S
V
RS
=
4kTR
S
Ö
R
G
e
o
R
F
i
RG
R
G
Ö
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
load power. Quiescent power is simply the specified
no-load supply current times the total supply voltage
Heatsinking or forced airflow may be required under
across the part. PDL depends on the required output
extreme
operating
conditions.
Maximum
desired
signal and load; for a grounded resistive load, PDL is
junction temperature sets the maximum allowed
at a maximum when the output is fixed at a voltage
internal power dissipation as discussed in this
equal to 1/2 of either supply voltage (for equal bipolar
document. In no case should the maximum junction
supplies). Under this condition PDL = VS
2/(4 × R
L),
temperature be allowed to exceed +150°C.
where RL includes feedback network loading.
Operating junction temperature (TJ) is given by TA +
Note that it is the power in the output stage and not in
PD × θJA. The total internal power dissipation (PD) is
the load that determines internal power dissipation.
the sum of quiescent power (PDQ) and additional
power dissipated in the output stage (PDL) to deliver
Figure 35. OPA4872 Noise Analysis Model
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com