công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA4872MDREP bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện OPA4872MDREP
Giải thích chi tiết về linh kiện  4:1 HIGH-SPEED MULTIPLEXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872MDREP bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 10Page - Texas Instruments OPA4872MDREP Datasheet HTML 11Page - Texas Instruments OPA4872MDREP Datasheet HTML 12Page - Texas Instruments OPA4872MDREP Datasheet HTML 13Page - Texas Instruments OPA4872MDREP Datasheet HTML 14Page - Texas Instruments OPA4872MDREP Datasheet HTML 15Page - Texas Instruments OPA4872MDREP Datasheet HTML 16Page - Texas Instruments OPA4872MDREP Datasheet HTML 17Page - Texas Instruments OPA4872MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
OPERATING SUGGESTIONS
SETTING RESISTOR VALUES TO OPTIMIZE
R =
O
2
75
(n
1)+804
´
-
´
1+
[75
(n
1)+804]
´
-
2
241200
- 1
DESIGN-IN TOOLS
DEMONSTRATION FIXTURE
R
F
V
O
R
G
R
I
Z
i
(S) ERR
i
ERR
a
V
I
MACROMODELS AND APPLICATIONS SUPPORT
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
Solving for RO, with n devices connected together,
results in Equation 3:
BANDWIDTH
The
output
stage
of
the
OPA4872
is
a
current-feedback op amp, meaning it can hold an
almost constant bandwidth over signal gain settings
(3)
with the proper adjustment of the external resistor
Results for n varying from 2 to 6 are given in Table 2.
values. This performance is shown in the Typical
Characteristic curves; the small-signal bandwidth
Table 2. Series Resistance vs
decreases only slightly with increasing gain. These
Number of Parallel Outputs
curves also show that the feedback resistor has been
changed for each gain setting. The resistor values on
NUMBER OF OPA4872s
RO (Ω)
the feedback path can be treated as frequency
2
69
response compensation elements while the ratio sets
3
63.94
the signal gain of the feedback resistor divided by the
4
59.49
gain resistor. Figure 32 shows the small-signal
5
55.59
frequency response analysis circuit for a current
feedback amplifier.
6
52.15
The two major limitations of this circuit are the device
requirements for each OPA4872 and the acceptable
return loss resulting from the mismatch between the
load and the matching resistor.
A printed circuit board (PCB) is available to assist in
the initial evaluation of circuit performance using the
OPA4872. The fixture is offered free of charge as an
unpopulated PCB, delivered with a user's guide. The
summary information for this fixture is shown in
Table 3.
Figure 32. Recommended Feedback Resistor vs
Noise Gain
Table 3. OPA4872 Demonstration Fixture
LITERATURE
PACKAGE
ORDERING NUMBER
NUMBER
The key elements of this current-feedback op amp
model are:
SO-14
DEM-OPA-SO-1E
SBOU045
α → Buffer gain from the noninverting input to the
The demonstration fixture can be requested at the
inverting input
Texas Instruments web site at (www.ti.com) through
the OPA4872 product folder.
RI → Buffer output impedance
iERR → Feedback error current signal
Z(s)
→
Frequency-dependent
open-loop
Computer simulation of circuit performance using
transimpedance gain from iERR to VO
SPICE
is
often
useful
when
analyzing
the
performance of analog circuits and systems. This
The buffer gain is typically very close to 1.00 and is
practice is particularly true for video and RF amplifier
normally neglected from signal gain considerations. It
circuits, where parasitic capacitance and inductance
will, however, set the CMRR for a single op amp
can have a major effect on circuit performance. A
differential amplifier configuration. For a buffer gain
SPICE model for the OPA4872 is available through
α < 1.0, the CMRR = –20 × log (1 – α) dB.
the Texas Instruments web site at www.ti.com. This
model does a good job of predicting small-signal ac
and transient performance under a wide variety of
operating conditions. It does not do as well in
predicting
the
harmonic
distortion
or
dG/dP
characteristics.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com