| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLAS787 bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS787 bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 52 page ![]() Bus Keeper EN P1.6/TA0.1/SDO/SCL/A6/TDI To Module From USI PxOUT.y DV SS DV CC 1 1 0 PxIN.y PxSEL.y or USIP E6 PxREN.y 1 0 PxIRQ.y PxIE.y EN Set Q Interrupt Edge Select PxSEL.y PxIES.y PxIFG.y Direction 0: Input 1: Output PxDIR.y USIPE6 1 0 From JTAG To JTAG INCHx To ADC10 ADC10AE0.y from USI PxSEL.y USI in I2C mode: Output driver drives low level only. Driver is disabled in JTAG mode. MSP430G2231-Q1 www.ti.com SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014 10.5 Port P1 Pin Schematic: P1.6, Input/Output With Schmitt Trigger Table 17. Port P1 (P1.6) Pin Functions CONTROL BITS OR SIGNALS PIN NAME (P1.x) x FUNCTION ADC10AE.x JTAG P1DIR.x P1SEL.x USIP.x (INCH.x = 1) Mode P1.6/ P1.x (I/O) I: 0; O: 1 0 0 0 0 TA0.1/ TA0.1 1 1 0 0 0 TA0.CCR1B 0 1 0 0 0 6 A6/ A6 X X 0 1 (y = 6) 0 SDO/ SDO X X 1 0 0 TDI/TCLK TDI/TCLK X X 0 0 1 Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback 37 Product Folder Links: MSP430G2231-Q1 |