| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3954TLX/NOPB bảng dữ liệu(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3954TLX/NOPB bảng dữ liệu(HTML) 45 Page - Texas Instruments |
|
45 / 58 page ![]() LP3954 www.ti.com SNVS340D – JUNE 2005 – REVISED MARCH 2013 EXT_PWM_CONTROL (07H) – EXTERNAL PWM CONTROL REGISTER D7 D6 D5 D4 D3 D2 D1 D0 wled1_4_pwm wled5_6_pwm r1_pwm g1_pwm b1_pwm r2_pwm g2_pwm b2_pwm rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 0 – WLED1…WLED4 PWM control disabled wled1_4_pwm Bit 7 1 – WLED1…WLED4 PWM control enabled 0 – WLED5, WLED6 PWM control disabled wled5_6_pwm Bit 6 1 – WLED5, WLED6 PWM control enabled 0 – R1 PWM control disabled r1_pwm Bit 5 1 – R1 PWM control enabled 0 – G1 PWM control disabled g1_pwm Bit 4 1 – G1 PWM control enabled 0 – RB PWM control disabled b1_pwm Bit 3 1 – B1 PWM control enabled 0 – R2 PWM control disabled r2_pwm Bit 2 1 – R2 PWM control enabled 0 – G2 PWM control disabled g2_pwm Bit 1 1 – G2 PWM control enabled 0 – B2 PWM control disabled b2_pwm Bit 0 1 – B2 PWM control enabled WLED CONTROL (08H) – WLED CONTROL REGISTER D7 D6 D5 D4 D3 D2 D1 D0 slope fade_sel en_fade displ en_w1_4 en_w5_6 r-0 r-0 rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 0 – fade execution time 1.3 sec slope Bit 5 1 – fade execution time 0.65 sec 0 – fade control for WLED1… WLED4 fade_sel Bit 4 1 – fade control for WLED5, WLED6 0 – automatic fade disabled en_fade Bit 3 1 – automatic fade enabled 0 – WLED1-4 and WLED5-6 are controlled separately displ Bit 2 1 – WLED1-4 and WLED5-6 are controlled with WLED1-4 controls 0 – WLED1…WLED4 disabled en_w1_4 Bit 1 1 – WLED1…WLED4 enabled 0 – WLED5,WLED6 disabled en_w5_6 Bit 0 1 – WLED5,WLED6 enabled WLED1-4 (09H) – WLED1…WLED4 BRIGHTNESS CONTROL REGISTER D7 D6 D5 D4 D3 D2 D1 D0 wled1_4[7:0] rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 45 Product Folder Links: LP3954 |