| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS28F002AST bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS28F002AST bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 79 page ![]() TMS28F002Axy, TMS28F200Axy 262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997 25 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 electrical characteristics for TMS28F002ASy and TMS28F200ASy over recommended ranges of supply voltage and operating free-air temperature, using test conditions given in Table 9 (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN MAX UNIT 5-V VPP range, 3.3-V VCC range 30 ICC3 VCC supply current (active word-write) VCC = VCC MAX, 5-V VPP range, 5-V VCC range 50 mA ICC3 CC y( ) (see Notes 11 and 12) CC CC , Programming in progress 12-V VPP range, 3.3-V VCC range 25 mA 12-V VPP range, 5-V VCC range 45 5-V VPP range, 3.3-V VCC range 30 ICC4 VCC supply current (block-erase) VCC = VCC MAX, 5-V VPP range, 5-V VCC range 35 mA ICC4 CC y( ) (see Notes 11 and 12) CC CC , Block-erase in progress 12-V VPP range, 3.3-V VCC range 25 mA 12-V VPP range, 5-V VCC range 30 ICC5 VCC supply current (erase-suspend) VCC = VCC MAX, E = VIH, 3.3-V VCC range 8 mA ICC5 CC y( ) (see Notes 11 and 12) CC CC , IH, Block-erase suspended 5-V VCC range 10 mA NOTES: 11. Characterization data available 12. All ac current values are RMS unless otherwise noted. |