công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM139AFKB.A bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM139AFKB.A
Giải thích chi tiết về linh kiện  LM139A-MIL Quad Differential Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM139AFKB.A bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM139AFKB.A Datasheet HTML 5Page - Texas Instruments LM139AFKB.A Datasheet HTML 6Page - Texas Instruments LM139AFKB.A Datasheet HTML 7Page - Texas Instruments LM139AFKB.A Datasheet HTML 8Page - Texas Instruments LM139AFKB.A Datasheet HTML 9Page - Texas Instruments LM139AFKB.A Datasheet HTML 10Page - Texas Instruments LM139AFKB.A Datasheet HTML 11Page - Texas Instruments LM139AFKB.A Datasheet HTML 12Page - Texas Instruments LM139AFKB.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LM139A-MIL
www.ti.com
SLCS161 – JUNE 2017
Product Folder Links: LM139A-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The following list describes the outcomes of some input voltage situations.
•
When both IN– and IN+ are both within the common-mode range:
–
If IN– is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
–
If IN– is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
•
When IN– is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
•
When IN+ is higher than common mode and IN– is within common mode, the output is high impedance and
the output transistor is not conducting
•
When IN– and IN+ are both higher than common mode, the output is low and the output transistor is sinking
current
8.2.2.2 Minimum Overdrive Voltage
Overdrive voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). To make an accurate comparison, the overdrive voltage (VOD) must be higher than
the input offset voltage (VIO). Overdrive voltage can also determine the response time of the comparator, with the
response time decreasing with increasing overdrive. Figure 8 and Figure 9 show positive and negative response
times with respect to overdrive voltage.
8.2.2.3 Output and Drive Current
Output current is determined by the load and pullup resistance and logic and pullup voltage. The output current
produces a low-level output voltage (VOL) from the comparator, where VOL is proportional to the output current.
The output current can also effect the transient response.
8.2.2.4 Response Time
Response time is a function of input over-drive. See the Typical Characteristics graphs for typical response
times. The rise and fall times can be determined by the load capacitance (CL), load/pull-up resistance (RPULLUP)
and equivalent collector-emitter resistance (RCE).
•
The rise time (τR) is approximately τR~ RPULLUP × CL
•
The fall time (τF) is approximately τF ~ RCE × CL
–
RCE can be determined by taking the slope of Figure 3 in its linear region at the desired temperature, or by
dividing the VOL by IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com