công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM139AFKB.A bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM139AFKB.A
Giải thích chi tiết về linh kiện  LM139A-MIL Quad Differential Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM139AFKB.A bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM139AFKB.A Datasheet HTML 1Page - Texas Instruments LM139AFKB.A Datasheet HTML 2Page - Texas Instruments LM139AFKB.A Datasheet HTML 3Page - Texas Instruments LM139AFKB.A Datasheet HTML 4Page - Texas Instruments LM139AFKB.A Datasheet HTML 5Page - Texas Instruments LM139AFKB.A Datasheet HTML 6Page - Texas Instruments LM139AFKB.A Datasheet HTML 7Page - Texas Instruments LM139AFKB.A Datasheet HTML 8Page - Texas Instruments LM139AFKB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LM139A-MIL
www.ti.com
SLCS161 – JUNE 2017
Product Folder Links: LM139A-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
The voltage at either input or common-mode must not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long
as the other input remains in the common-mode range. Either or both inputs can go to 30 V without damage.
6.5 Electrical Characteristics
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 30 V,
VIC = VICR min,
VO = 1.4 V
TA = 25°C
1
2
mV
TA = –55°C
to +125°C
4
IIO
Input offset current
VO = 1.4 V
TA = 82.5
3
25
nA
TA = 60.7
100
IIB
Input bias current
VO = 1.4 V
TA = 59.4
–25
–100
nA
TA = 53
–300
VICR
Common-mode input-voltage
range(2)
TA = 58.4
0 to
VCC – 1.5
V
TA = 9.7
0 to
VCC – 2
AVD
Large-signal differential-voltage
amplification
VCC+ = ±7.5 V,
VO = –5 V to 5 V
TA = 25°C
50
200
V/mV
IOH
High-level output current
VID = 1 V
VOH = 5 V
TA = 25°C
0.1
nA
VOH = 30 V
TA = –55°C
to +125°C
1
μA
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
TA = 25°C
150
400
mV
TA = –55°C
to +125°C
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
TA = 25°C
6
16
mA
ICC
Supply current
(four comparators)
VO = 2.5 V,
No load
TA = 25°C
0.8
2
mA
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
6.6 Switching Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF
(1) (2)
100-mV input step with 5-mV overdrive
1.3
μs
TTL-level input step
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20