công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES3C bảng dữ liệu(PDF) 1 Page - DAESAN ELECTRONIC CORP.

tên linh kiện ES3C
Giải thích chi tiết về linh kiện  CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DAESAN [DAESAN ELECTRONIC CORP.]
Trang chủ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES3C bảng dữ liệu(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ES3C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES3C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES3A THRU ES3J
Features
Mechanical Data
· For surface applications in order optimize board space
· Low profile package
· Built-in strain relief, ideal for automated placement
· Super fast recovery time
· Plastic package has Unerwrites Laboratory
Flammability Classification 94V-0
· Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
· Glass passivated chip junction
· High temperature soldering guaranteed: 250℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC SMC(DO-214AB) molded plastic body
· Terminals : Plated axial lead solderable per
MIL-STD-750, method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.007 ounce, 0.25 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 3.0 Amperes
VOLTAGE 50 to 400 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) Units mounted on P.C.B 0.31×0.31"(0.8×0.8mm) copper pad areas
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method) at TL=100℃
VDC
Maximum average forward rectified current
at TL=100℃
Maximum instantaneous forward voltage
at 3.0A
VRRM
Volts
Symbols
Units
0.95
VF
VRMS
3.0
Amps
Amps
100.0
IFSM
TJ
TSTG
500
-55 to +150
℃
Volts
Maximum reverse
current at rated voltage
Typical thermal resistance (Note 3)
Operating junction and storage
temperature range
50
ES3A
35
50
10.0
12.0
Volts
μA
℃/W
I(AV)
IR
RθJL
TA=25℃
TA=100℃
100
ES3B
70
100
150
ES3C
105
150
200
ES3D
140
200
400
ES3G
280
400
600
ES3J
420
600
Typical junction capacitance (Note 2)
pF
45.0
CJ
47.0
RθJA
Maximum reverse recovery time (Note 1)
ns
35
Trr
1.25
350
30.0
Dimensions in inches and (millimeters)
0.124(3.15)
0.108(2.75)
0.245(6.22)
0.220(5.59)
0.012(0.31)
0.006(0.15)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.320(8.13)
0.305(7.75)
DO-214AB (SMC)


Số phần tương tự - ES3C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
ES3C DIODES-ES3C Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Fuji Electric
ES3C FUJI-ES3C Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES3C GE-ES3C Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3C TSC-ES3C Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3C TSC-ES3C Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
More results

Mô tả tương tự - ES3C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DAESAN ELECTRONIC CORP.
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
ES2A DAESAN-ES2A Datasheet
340Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
RS3A DAESAN-RS3A Datasheet
328Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
SF301 DAESAN-SF301 Datasheet
315Kb / 2P
CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com