công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS3103ADBTR bảng dữ liệu(PDF) 65 Page - Texas Instruments

tên linh kiện TAS3103ADBTR
Giải thích chi tiết về linh kiện  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBTR bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button TAS3103ADBTR Datasheet HTML 61Page - Texas Instruments TAS3103ADBTR Datasheet HTML 62Page - Texas Instruments TAS3103ADBTR Datasheet HTML 63Page - Texas Instruments TAS3103ADBTR Datasheet HTML 64Page - Texas Instruments TAS3103ADBTR Datasheet HTML 65Page - Texas Instruments TAS3103ADBTR Datasheet HTML 66Page - Texas Instruments TAS3103ADBTR Datasheet HTML 67Page - Texas Instruments TAS3103ADBTR Datasheet HTML 68Page - Texas Instruments TAS3103ADBTR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
3−1
3 Firmware Architecture
3.1
I2C Coefficient Number Formats
The firmware for the TAS3103A is housed in ROM resources within the TAS3103A and cannot be altered. However,
mixer gain, level offset, and filter tap coefficients, which can be entered via the I2C bus interface, provide a user with
the flexibility to set the TAS3103A to a configuration that achieves the system-level goals.
The firmware is executed in a 48-bit signed fixed-point arithmetic machine. The most-significant bit of the 48-bit data
path is a sign bit, and the 47 lower bits are data bits. Mixer gain operations are implemented by multiplying a 48-bit
signed data value by a 28-bit signed gain coefficient. The 76-bit signed output product is then truncated to a signed
48-bit number. Level offset operations are implemented by adding a 48-bit signed offset coefficient to a 48-bit signed
data value. In most cases, if the addition results in overflowing the 48-bit signed number format, saturation logic is
used. This means that if the summation results in a positive number that is greater than 0x7FFF FFFF FFFF (the
spaces are used to ease the reading of the hexadecimal number), the number is set to 0x7FFF FFFF FFFF. If the
summation results in a negative number that is less than 0x8000 0000 0000, the number is set to 0x8000 0000 0000.
There are exceptions to the use of saturation logic for summations that overflow—see Digital Audio Processor (DAP)
Arithmetic Unit, Section 2.4.
3.1.1
28-Bit 5.23 Number Format
All mixer gain coefficients are 28-bit coefficients using a 5.23 number format. Numbers formatted as 5.23 numbers
means that there are 5 bits to the left of the decimal point and 23 bits to the right of the decimal point. This is shown
in the Figure 3−1.
2−23 Bit
S_xxxx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2−4 Bit
2−1 Bit
20 Bit
Sign Bit
23 Bit
Figure 3−1. 5.23 Format
The decimal value of a 5.23-format number can be found by following the weighting shown in Figure 3−2. If the
most-significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct number.
If the most-significant bit is a logic 1, then the number is a negative number. In this case every bit must be inverted,
a 1 added to the result, and then the weighting shown in Figure 3−2 applied to obtain the magnitude of the negative
number.
(1 or 0)
y 23 + (1 or 0) y 22 + … + (1 or 0) y 20 + (1 or 0) y 2−1 + … + (1 or 0) y 2−4 + … + (1 or 0) y 2−23
23 Bit
22 Bit
20 Bit
2−1 Bit
2−4 Bit
2−23 Bit
Figure 3−2. Conversion Weighting Factors—5.23 Format to Floating Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com