công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC7573IPWR bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện DAC7573IPWR
Giải thích chi tiết về linh kiện  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7573IPWR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button DAC7573IPWR Datasheet HTML 24Page - Texas Instruments DAC7573IPWR Datasheet HTML 25Page - Texas Instruments DAC7573IPWR Datasheet HTML 26Page - Texas Instruments DAC7573IPWR Datasheet HTML 27Page - Texas Instruments DAC7573IPWR Datasheet HTML 28Page - Texas Instruments DAC7573IPWR Datasheet HTML 29Page - Texas Instruments DAC7573IPWR Datasheet HTML 30Page - Texas Instruments DAC7573IPWR Datasheet HTML 31Page - Texas Instruments DAC7573IPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
www.ti.com
REF02
15 V
5 V
1.6 mA
VDD
SCL
SDA
I2C
Interface
VOUT = 0 V to 5 V
DAC7573
LAYOUT
DAC7573
SLAS398 – SEPTEMBER 2003
APPLICATION INFORMATION (continued)
VDD = 5 V. When a DAC output is loaded, the REF02 also needs to supply the current to the load. The total
typical current required (with a 5-k
Ω load on a single DAC output) is:
600 µA + (5 V / 5 k
Ω) = 1.6 mA
The load regulation of the REF02 is typically 0.005%/mA, which results in an error of 400 µV for 1.6 mA of
current drawn from it. This corresponds to a 0.33 LSB error for a 0 V to 5 V output range.
Figure 42. REF02 Power Supply
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies.
The power applied to VDD should be well-regulated and low noise. Switching power supplies and dc/dc
converters often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components can create similar high-frequency spikes as their internal logic switches states. This noise can easily
couple into the DAC output voltage through various paths between the power connections and analog output.
As with the GND connection, VDD should be connected to a positive power-supply plane or trace that is separate
from the connection for digital logic until they are connected at the power-entry point. In addition, a 1 µF to 10 µF
capacitor in parallel with a 0.1 µF bypass capacitor is strongly recommended. In some situations, additional
bypassing may be required, such as a 100 µF electrolytic capacitor or even a Pi filter made up of inductors and
capacitors—all designed to essentially low-pass filter the –5 V supply, removing the high-frequency noise.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com