công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSD13383F4T.B bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện CSD13383F4T.B
Giải thích chi tiết về linh kiện  CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13383F4T.B bảng dữ liệu(HTML) 3 Page - Texas Instruments

  CSD13383F4T.B Datasheet HTML 1Page - Texas Instruments CSD13383F4T.B Datasheet HTML 2Page - Texas Instruments CSD13383F4T.B Datasheet HTML 3Page - Texas Instruments CSD13383F4T.B Datasheet HTML 4Page - Texas Instruments CSD13383F4T.B Datasheet HTML 5Page - Texas Instruments CSD13383F4T.B Datasheet HTML 6Page - Texas Instruments CSD13383F4T.B Datasheet HTML 7Page - Texas Instruments CSD13383F4T.B Datasheet HTML 8Page - Texas Instruments CSD13383F4T.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
12
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 9.6 V
1
µA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 10 V
10
µA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 μA
0.70
1.00
1.25
V
RDS(on)
Drain-to-source on-resistance
VGS = 2.5 V, IDS = 0.5 A
53
65
mΩ
VGS = 4.5 V, IDS = 0.5 A
37
44
mΩ
gfs
Transconductance
VDS = 6 V, IDS = 0.5 A
5.4
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 6 V,
ƒ = 1 MHz
224
291
pF
Coss
Output capacitance
68
88
pF
Crss
Reverse transfer capacitance
47
61
pF
RG
Series gate resistance
240
Ω
Qg
Gate charge total (4.5 V)
VDS = 6 V, IDS = 0.5 A
2.0
2.6
nC
Qgd
Gate charge gate-to-drain
0.6
nC
Qgs
Gate charge gate-to-source
0.4
nC
Qg(th)
Gate charge at Vth
0.1
nC
Qoss
Output charge
VDS = 6 V, VGS = 0 V
0.9
nC
td(on)
Turn on delay time
VDS = 6 V, VGS = 4.5 V,
IDS = 0.5 A, RG = 2 Ω
46
ns
tr
Rise time
122
ns
td(off)
Turn off delay time
250
ns
tf
Fall time
290
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 0.5 A, VGS = 0 V
0.7
1.0
V
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
250
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
www.ti.com
CSD13383F4
SLPS517C – DECEMBER 2014 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com