công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSD13383F4T.B bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện CSD13383F4T.B
Giải thích chi tiết về linh kiện  CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13383F4T.B bảng dữ liệu(HTML) 2 Page - Texas Instruments

  CSD13383F4T.B Datasheet HTML 1Page - Texas Instruments CSD13383F4T.B Datasheet HTML 2Page - Texas Instruments CSD13383F4T.B Datasheet HTML 3Page - Texas Instruments CSD13383F4T.B Datasheet HTML 4Page - Texas Instruments CSD13383F4T.B Datasheet HTML 5Page - Texas Instruments CSD13383F4T.B Datasheet HTML 6Page - Texas Instruments CSD13383F4T.B Datasheet HTML 7Page - Texas Instruments CSD13383F4T.B Datasheet HTML 8Page - Texas Instruments CSD13383F4T.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Specifications.................................................................. 3
5.1 Electrical Characteristics.............................................3
5.2 Thermal Information....................................................3
5.3 Typical MOSFET Characteristics................................ 3
6 Device and Documentation Support..............................7
6.1 Support Resources..................................................... 7
6.2 Trademarks.................................................................7
6.3 Electrostatic Discharge Caution..................................7
6.4 Glossary......................................................................7
7 Mechanical, Packaging, and Orderable Information.... 8
7.1 Mechanical Dimensions.............................................. 8
7.2 Recommended Minimum PCB Layout........................9
7.3 Recommended Stencil Pattern................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2017) to Revision C (February 2022)
Page
• Changed ultra-low profile bullet from 0.35 mm to 0.36 mm in height................................................................. 1
• Updated ultra-low profile image height from 0.35 mm to 0.36 mm..................................................................... 1
• Changed ultra-low profile image height from 0.35 mm to 0.36 mm.................................................................... 8
• Added FemtoFET Surface Mount Guide note.................................................................................................... 9
Changes from Revision A (January 2016) to Revision B (December 2017)
Page
• Changed IDM value From: 27 A To: 18.5 A in the Absolute Maximum Ratings table.......................................... 1
• Updated Figure 5-1. ...........................................................................................................................................3
• Updated Figure 5-10 using Typ RθJA = 250°C/W. ..............................................................................................3
• Updated all mechanical drawings, increased the size of the pads in the Section 7.3 section. .......................... 8
CSD13383F4
SLPS517C – DECEMBER 2014 – REVISED FEBRUARY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com