| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSPT-500-2-WT-R bảng dữ liệu(PDF) 12 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
PSPT-500-2-WT-R bảng dữ liệu(HTML) 12 Page - Brady Worldwide, Inc. |
|
12 / 20 page ![]() 12 Wire & Cable Materials Repositionable Vinyl Cloth B-498 Removable Adhesive Cloth Material Repositionable vinyl cloth material for wire, cable and component marking. Adhesive and cloth backing offers excellent holding power, while easily being repositioned and removed. Diagram Catalog Number B-# Material Color Label Width A Inch (mm) Label Height B Inch (mm) Approx. Wire Gauge Labels Per Row Labels Per Pkg Rec. Ribbon Fig. 29 PTL-15-498 B-498 Vinyl White 1.000 (25.4) 0.275 (7.0) 22 to 16 1 750 M61-R6210 Fig. 29 PTL-7-498 B-498 Vinyl White 0.500 (12.7) 0.500 (12.7) 22 to 16 1 500 M61-R6210 Fig. 29 PTL-10-498 B-498 Vinyl White 0.250 (6.4) 0.750 (19.1) 16 to 10 1 750 M61-R6210 Fig. 29 BM71-11-498 B-498 Vinyl White 0.500 (12.7) 0.750 (19.1) 16 to 10 1 5000 M61-R6210 Fig. 29 PTL-11-498 B-498 Vinyl White 0.500 (12.7) 0.750 (19.1) 16 to 10 1 500 M61-R6210 Fig. 29 PTL-17-498 B-498 Vinyl White 1.000 (25.4) 0.500 (12.7) 12 to 10 1 500 M61-R6210 Fig. 29 PTL-16-498 B-498 Vinyl White 0.375 (9.5) 1.000 (25.4) 12 to 10 1 500 M61-R6210 Fig. 29 BM71-18-498 B-498 Vinyl White 0.750 (19.1) 1.000 (25.4) 12 to 10 1 2500 M61-R6210 Fig. 29 PTL-18-498 B-498 Vinyl White 0.750 (19.1) 1.000 (25.4) 12 to 10 1 250 M61-R6210 Fig. 29 BM71-19-498 B-498 Vinyl White 1.000 (25.4) 1.000 (25.4) 12 to 10 1 2500 M61-R6210 Fig. 29 PTL-19-498 B-498 Vinyl White 1.000 (25.4) 1.000 (25.4) 12 to 10 1 250 M61-R6210 Fig. 29 PTL-28-498 B-498 Vinyl White 0.250 (6.4) 1.500 (38.1) 10 to 4 1 750 M61-R6210 Fig. 29 BM71-29-498 B-498 Vinyl White 0.500 (12.7) 1.500 (38.1) 10 to 4 1 5000 M61-R6210 Fig. 29 PTL-30-498 B-498 Vinyl White 0.750 (19.1) 1.500 (38.1) 10 to 4 1 250 M61-R6210 Fig. 29 PTL-31-498 B-498 Vinyl White 1.000 (25.4) 1.500 (38.1) 10 to 4 1 250 M61-R6210 Fig. 29 PTL-32-498 B-498 Vinyl White 1.500 (38.1) 1.500 (38.1) 10 to 4 1 250 M61-R6210 Fig. 29 PTL-21-498 B-498 Vinyl White 1.000 (25.4) 2.500 (63.5) Cables 1 100 M61-R6210 Fig. 29 PTL-23-498 B-498 Vinyl White 1.000 (25.4) 4.000 (101.6) Cables 1 100 M61-R6210 Fig. 29 PTL-33-498 B-498 Vinyl White 1.500 (38.1) 4.000 (101.6) Cables 1 100 M61-R6210 Fig. 29 PTL-34-498 B-498 Vinyl White 1.500 (38.1) 6.000 (152.4) Cables 1 50 M61-R6210 Polypropylene Flags B-425 Solvent-Resistant Material White polypropylene material with matte/opaque finish for thermal transfer printing or write-on applications. Excellent solvent resistance and print performance; not recommended for long-term outdoor use. Diagram Catalog Number B-# Material Color Label Width A Inch (mm) Label Height B Inch (mm) Labels Per Row Labels Per Pkg Rec. Ribbon Fig. 47 PTLFP-01-425 B-425 Polypropylene White 1.180 (30.0) 0.788 (20.0) 1 250 M61-R6210 Fig. 48 PTLFT-01-425 B-425 Polypropylene White 1.180 (30.0) 0.788 (20.0) 1 250 M61-R6210 Fig. 47 PTLFP-02-425 B-425 Polypropylene White 1.750 (44.5) 1.000 (25.4) 1 100 M61-R6210 Figure 47 B = Label Height A = Label Width B A Figure 48 B = Label Height A = Label Width B A Approx. wire gauge based on AWG for THHN wire. Figure 29 A B |