| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSPT-500-2-WT-R bảng dữ liệu(PDF) 9 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
PSPT-500-2-WT-R bảng dữ liệu(HTML) 9 Page - Brady Worldwide, Inc. |
|
9 / 20 page ![]() BradyID.com/bmp61 1-888-272-3946 9 Self-Laminating Vinyl continued B-427 Vinyl Material with Wrap-Around Tail Diagram Catalog Number B-# Material Color Label Width A Inch (mm) Label Height B Inch (mm) Write On Area C Inch (mm) Approx. Wire Gauge Labels Per Row Labels Per Pkg Rec. Ribbon Fig. 32 PTL-19-427-OR B-427 Vinyl Orange 1.000 (25.4) 1.000 (25.4) 0.375 (9.5) 12 to 10 1 250 M61-R4310 Fig. 32 PTL-28-427-OR B-427 Vinyl Orange 0.250 (6.4) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 750 M61-R4310 Fig. 32 PTL-29-427-OR B-427 Vinyl Orange 0.500 (12.7) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 500 M61-R4310 Fig. 32 PTL-30-427-OR B-427 Vinyl Orange 0.750 (19.1) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-31-427-OR B-427 Vinyl Orange 1.000 (25.4) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-32-427-OR B-427 Vinyl Orange 1.500 (38.1) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-21-427-OR B-427 Vinyl Orange 1.000 (25.4) 2.500 (63.5) 0.750 (19.1) Cables 1 100 M61-R4310 Fig. 32 PTL-23-427-OR B-427 Vinyl Orange 1.000 (25.4) 4.000 (101.6) 1.000 (25.4) Cables 1 100 M61-R4310 Fig. 32 PTL-33-427-OR B-427 Vinyl Orange 1.500 (38.1) 4.000 (101.6) 1.000 (25.4) Cables 1 100 M61-R4310 Fig. 32 PTL-34-427-OR B-427 Vinyl Orange 1.500 (38.1) 6.000 (152.4) 1.500 (38.1) Cables 1 50 M61-R4310 Fig. 32 PTL-19-427-PL B-427 Vinyl Purple 1.000 (25.4) 1.000 (25.4) 0.375 (9.5) 12 to 10 1 250 M61-R4310 Fig. 32 PTL-28-427-PL B-427 Vinyl Purple 0.250 (6.4) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 750 M61-R4310 Fig. 32 PTL-29-427-PL B-427 Vinyl Purple 0.500 (12.7) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 500 M61-R4310 Fig. 32 PTL-30-427-PL B-427 Vinyl Purple 0.750 (19.1) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-31-427-PL B-427 Vinyl Purple 1.000 (25.4) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-32-427-PL B-427 Vinyl Purple 1.500 (38.1) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-21-427-PL B-427 Vinyl Purple 1.000 (25.4) 2.500 (63.5) 0.750 (19.1) Cables 1 100 M61-R4310 Fig. 32 PTL-23-427-PL B-427 Vinyl Purple 1.000 (25.4) 4.000 (101.6) 1.000 (25.4) Cables 1 100 M61-R4310 Fig. 32 PTL-33-427-PL B-427 Vinyl Purple 1.500 (38.1) 4.000 (101.6) 1.000 (25.4) Cables 1 100 M61-R4310 Fig. 32 PTL-34-427-PL B-427 Vinyl Purple 1.500 (38.1) 6.000 (152.4) 1.500 (38.1) Cables 1 50 M61-R4310 Fig. 32 PTL-19-427-RD B-427 Vinyl Red 1.000 (25.4) 1.000 (25.4) 0.375 (9.5) 12 to 10 1 250 M61-R4310 Fig. 32 PTL-28-427-RD B-427 Vinyl Red 0.250 (6.4) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 750 M61-R4310 Fig. 32 PTL-29-427-RD B-427 Vinyl Red 0.500 (12.7) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 500 M61-R4310 Fig. 32 PTL-30-427-RD B-427 Vinyl Red 0.750 (19.1) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-31-427-RD B-427 Vinyl Red 1.000 (25.4) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-32-427-RD B-427 Vinyl Red 1.500 (38.1) 1.500 (38.1) 0.500 (12.7) 10 to 4 1 250 M61-R4310 Fig. 32 PTL-21-427-RD B-427 Vinyl Red 1.000 (25.4) 2.500 (63.5) 0.750 (19.1) Cables 1 100 M61-R4310 Fig. 32 PTL-23-427-RD B-427 Vinyl Red 1.000 (25.4) 4.000 (101.6) 1.000 (25.4) Cables 1 100 M61-R4310 Fig. 32 PTL-33-427-RD B-427 Vinyl Red 1.500 (38.1) 4.000 (101.6) 1.000 (25.4) Cables 1 100 M61-R4310 Fig. 32 PTL-34-427-RD B-427 Vinyl Red 1.500 (38.1) 6.000 (152.4) 1.500 (38.1) Cables 1 50 M61-R4310 Self-Laminating Label Heights If you know your wire diameter or wire circumference, you can easily determine the correct label height by using the formula below. Step 1: wire dia. x 3.147 (pi) wire circumference Step 2: wire circumference x 1.5 total label length (Multipying by 1.5 allows the label to wrap 1.5 times around the wire) Figure 32 C = Write-On Area A = Label Width B = Label Height A B C TEXT 1 TEXT 1 Wire & Cable Materials Approx. wire gauge based on AWG for THHN wire. |