| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB41AB3MPFPEP bảng dữ liệu(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB41AB3MPFPEP bảng dữ liệu(HTML) 52 Page - Texas Instruments |
|
52 / 56 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) TSB41AB3IPFPEP PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 TSB41AB3IPFPEP.A PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 TSB41AB3MPFPEP PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 TSB41AB3MPFPEP.A PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 V62/03612-01XE PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 V62/03612-02XE PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 Pack Materials-Page 1 |