công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41AB3MPFPEP bảng dữ liệu(PDF) 42 Page - Texas Instruments

tên linh kiện TSB41AB3MPFPEP
Giải thích chi tiết về linh kiện  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41AB3MPFPEP bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button TSB41AB3MPFPEP Datasheet HTML 38Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 39Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 40Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 41Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 42Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 43Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 44Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 45Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit (continued)
00
00
00
00
(e)
(d)
(c)
(b)
(a)
01
00
00
00
11
D0–D7
CTL0, CTL1
SYSCLK
00
Link controls CTL and D
PHY High-Impedance CTL and D outputs
Figure 22. Cancelled/Null Packet Transmission
The sequence of events for a cancelled/null packet transmission is as follows:1
a.
Transmit operation initiated. PHY asserts grant on the CTL lines followed by idle to hand over control
of the interface to the link.
b.
Optional idle cycle. The link may assert at most one idle cycle preceding assertion of hold. This idle cycle
is optional; the link is not required to assert idle preceding hold.
c.
Optional hold cycles. The link may assert hold for up to 47 cycles preceding assertion of idle. These
hold cycle(s) are optional; the link is not required to assert hold preceding idle.
d.
Null transmit termination. The null transmit operation is terminated by the link asserting two cycles of
idle on the CTL lines and then releasing the interface and returning control to the PHY. Note that the
link may assert idle for a total of three consecutive cycles if it asserts the optional first idle cycle but does
not assert hold. It is recommended that the link assert three cycles of idle to cancel a packet
transmission if no hold cycles are asserted. This ensures that either the link or PHY controls the
interface in all cycles.
e.
After regaining control of the interface, the PHY asserts at least one cycle of Idle before any subsequent
status transfer, receive operation, or transmit operation.
interface reset and disable
The LLC controls the state of the PHY-LLC interface using the LPS signal. The interface may be placed into a
reset state, a disabled state, or be made to initialize and then return to normal operation. When the interface
is not operational (whether reset, disabled, or in the process of initialization) the PHY cancels any outstanding
bus request or register read request, and ignores any requests made via the LREQ line. Additionally, any status
information generated by the PHY is not queued and does not cause a status transfer upon restoration of the
interface to normal operation.
The LPS signal may be either a level signal or a pulsed signal, depending upon whether the PHY-LLC interface
is a direct connection or is made across an isolation barrier. When an isolation barrier exists between the PHY
and LLC (whether of the TI bus-holder type or Annex J type) the LPS signal must be pulsed. In a direct
connection, the LPS signal may be either a pulsed or a level signal. Timing parameters for the LPS signal are
given in Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com