| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB41AB3IPFPEP bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB41AB3IPFPEP bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 56 page ![]() TSB41AB3EP IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER SGLS122C − JULY 2002 − REVISED JUNE 2008 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION power-class programming (continued) Outer Cable Shield Chassis Ground Figure 7. Non-DC Isolated Outer Shield Termination LPS LPS 10 k Ω Link Power Square Wave Input 10 k Ω Figure 8. Nonisolated Connection Variations for LPS LPS 13 k Ω Square Wave Signal 18 k Ω PHY VDD 0.033 µF PHY GND NOTE: As long as the reistance ratio is maintained between 1.61:1 and 1.33:1, any values of resistors may be used. Figure 9. Isolated Circuit Connection for LPS |