| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB41AB3IPFPEP bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB41AB3IPFPEP bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 56 page ![]() TSB41AB3EP IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER SGLS122C − JULY 2002 − REVISED JUNE 2008 23 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION power-class programming (continued) TPA+ TPA− TPB+ TPB− Cable Port CPS TPBIAS 56 Ω 56 Ω 56 Ω 56 Ω 5 k Ω 1 µF 400 k Ω 220 pF (see Note A) TSB41AB3 Cable Power Pair Cable Pair A Cable Pair B Outer Shield Termination NOTE D: The IEEE Std 1394-1995 calls for a 250-pF capacitor, which is a nonstandard component value. A 220-pF capacitor is recommended. Figure 5. TP Cable Connections 1 M Ω 0.001 µF 0.01 µF Outer Cable Shield Chassis Ground Figure 6. Typical Compliant DC Isolated Outer Shield Termination |