công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC602LP4 bảng dữ liệu(PDF) 7 Page - Hittite Microwave Corporation

tên linh kiện HMC602LP4
Giải thích chi tiết về linh kiện  70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC602LP4 bảng dữ liệu(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC602LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
8
8 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 6, 7, 13,
17, 18
N/C
These pins are not connected internally; however,
this product is specified with these pins connected
to RF/DC ground.
2
TEMP
Temperature sensor output pin.
3, 4
INP, INN
RF Input pins. Connect RF to INP, and AC couple
INN to ground for single-ended operation.
5EN
Enable pin, connect to Vcc1, Vcc2, Vcc3 for normal
operation. Applying voltage <0.2 x (Vcc1, Vcc2, Vcc3) will
initiate power saving mode.
8 - 12, 19, 20,
23, 24
Vcc1, Vcc2,
Vcc3
Bias supply. Connect supply voltage to
these pins with appropriate filtering.
14
CLPF
Loop filter capacitor for output ripple filtering.
Pin Descriptions
HMC602LP4 / 602LP4E
v01.0407
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com