công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5271IPFP.A bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS5271IPFP.A
Giải thích chi tiết về linh kiện  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP.A bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS5271IPFP.A Datasheet HTML 1Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 2Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 3Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 4Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 5Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 6Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 7Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 8Page - Texas Instruments ADS5271IPFP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADS5271
1
FEATURES
APPLICATIONS
DESCRIPTION
1 2− B it
A DC
P L L
S /H
S e rialize r
1x A DC L K
6x A DC L K
IN 1
P
AD C LK
IN 1
N
O U T 1
P
O U T 1
N
1 2− B it
A DC
S /H
S e rialize r
IN 2
P
IN 2N
O U T 2
P
O U T 2
N
1 2− B it
A DC
S /H
S e rialize r
IN 3
P
IN 3
N
O U T 3
P
O U T 3
N
L C L K
P
L C L K
N
A DC L K
P
A DC L K
N
12 x A D C L K
1 2− B it
A DC
S /H
S e rialize r
IN 4
P
IN 4
N
O U T 4
P
O U T 4
N
1 2− B it
A DC
S /H
S e rialize r
IN 5
P
IN 5
N
O U T 5
P
O U T 5 N
1 2− B it
A DC
S /H
S e rialize r
IN 6
P
IN 6
N
O U T 6
P
O U T 6
N
1 2− B it
A DC
S /H
S e rialize r
IN 7
P
IN 7
N
O U T 7
P
O U T 7
N
1 2− B it
A DC
S /H
S e rialize r
R e fe re n c e
IN 8
P
IN 8
N
IN T /E X T
O U T 8
P
O U T 8
N
R eg is te rs
C o n tro l
ADS5271
www.ti.com...................................................................................................................................................... SBAS313C – JUNE 2004 – REVISED JANUARY 2009
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter
with Serial LVDS Interface
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
23
• Maximum Sample Rate: 50MSPS
high-frequency LVDS clock is used in the data
• 12-Bit Resolution
serialization and transmission process. The word
output of each internal ADC is serialized and
• No Missing Codes
transmitted either MSB or LSB first. In addition to the
• Total Power Dissipation:
eight data outputs, a bit clock and a word clock are
Internal Reference: 927mW
also transmitted. The bit clock is at 6x the speed of
External Reference: 861mW
the sampling clock, whereas the word clock is at the
• CMOS Technology
same speed of the sampling clock.
• Simultaneous Sample-and-Hold
The ADS5271 provides internal references, or can
• 70.5dB SNR at 10MHz IF
optionally be driven with external references. Best
performance
is
achieved
through
the
internal
• 3.3V Digital/Analog Supply
reference mode.
• Serialized LVDS Outputs
The device is available in a TQFP-80 PowerPAD
• Integrated Frame and Bit Patterns
package and is specified over a –40°C to +85°C
• Option to Double LVDS Clock Output Currents
operating range.
• Four Current Modes for LVDS
• Pin- and Format-Compatible Family
• TQFP-80 PowerPAD™ Package
• Portable Ultrasound Systems
• Tape Drives
• Test Equipment
• Optical Networking
The ADS5271 is a high-performance, 50MSPS,
8-channel analog-to-digital converter (ADC). Internal
references are provided, simplifying system design
requirements. Low power consumption allows for the
highest of system integration densities. Serial LVDS
(low-voltage differential signaling) outputs reduce the
number of interface lines and package size.
RELATED PRODUCTS
RESOLUTION
SAMPLE
MODEL
(BITS)
RATE (MSPS)
CHANNELS
ADS5270
12
40
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5277
10
65
8
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS5271IPFP.A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS5271IPFP BURR-BROWN-ADS5271IPFP Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5271IPFP TI1-ADS5271IPFP Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271IPFPG4 TI1-ADS5271IPFPG4 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5271IPFPT BURR-BROWN-ADS5271IPFPT Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5271IPFPT TI1-ADS5271IPFPT Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results

Mô tả tương tự - ADS5271IPFP.A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
logo
Texas Instruments
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com