công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS2829DBV bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TPS2829DBV
Giải thích chi tiết về linh kiện  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829DBV bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TPS2829DBV Datasheet HTML 1Page - Texas Instruments TPS2829DBV Datasheet HTML 2Page - Texas Instruments TPS2829DBV Datasheet HTML 3Page - Texas Instruments TPS2829DBV Datasheet HTML 4Page - Texas Instruments TPS2829DBV Datasheet HTML 5Page - Texas Instruments TPS2829DBV Datasheet HTML 6Page - Texas Instruments TPS2829DBV Datasheet HTML 7Page - Texas Instruments TPS2829DBV Datasheet HTML 8Page - Texas Instruments TPS2829DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
DISSIPATION RATING TABLE
(1)
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 80°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
(1)
These dissipation ratings are based upon EIA specification JESD51-3, "Low Effective Thermal Conductivity Test Board for Leaded
Surface Mount Packages," in tests conducted in a zero-airflow, wind tunnel environment.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage range(2)
–0.3 to 15
V
VDD
Regulator supply voltage range(2)
VCC – 0.3 to 42
V
IN
Input voltage range(2)
–0.3 to VCC + 0.5
V
Output voltage range (pin 4)(2)
–0.5 to VCC + 0.5
V
VCC
Continuous regulator output current
25
mA
OUT
Continuous output current
±100
mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating ambient temperature range
–55 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to device GND terminal.
MIN
MAX
UNIT
VDD
Regulator input voltage range, TPS2816 through TPS2819
8
40
V
VCC
Supply voltage
4
14
V
IN
Input voltage
–0.3
VCC
V
ICC
Continuous regulator output current
0
20
mA
TA
Operating ambient temperature range
–55
125
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com