công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP100NA/3K bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TMP100NA/3K
Giải thích chi tiết về linh kiện  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP100NA/3K bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TMP100NA/3K Datasheet HTML 14Page - Texas Instruments TMP100NA/3K Datasheet HTML 15Page - Texas Instruments TMP100NA/3K Datasheet HTML 16Page - Texas Instruments TMP100NA/3K Datasheet HTML 17Page - Texas Instruments TMP100NA/3K Datasheet HTML 18Page - Texas Instruments TMP100NA/3K Datasheet HTML 19Page - Texas Instruments TMP100NA/3K Datasheet HTML 20Page - Texas Instruments TMP100NA/3K Datasheet HTML 21Page - Texas Instruments TMP100NA/3K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
7.5.3.6 OS/ALERT (OS)
The TMP100 and TMP101 devices feature a One-Shot Temperature Measurement Mode. When the device is in
Shutdown Mode, writing 1 to the OS/ALERT bit starts a single temperature conversion. The device returns to the
shutdown state at the completion of the single conversion. This feature is useful to reduce power consumption in
the TMP100 and TMP101 when continuous temperature monitoring is not required.
Reading the OS/ALERT bit provides information about the Comparator Mode status. The state of the POL bit
inverts the polarity of data returned from the OS/ALERT bit. For POL = 0, the OS/ALERT reads as 1 until the
temperature equals or exceeds THIGH for the programmed number of consecutive faults, causing the OS/ALERT
bit to read as 0. The OS/ALERT bit continues to read as 0 until the temperature falls below TLOW for the
programmed number of consecutive faults when the OS/ALERT bit again reads as 1. The status of the TM bit
does not affect the status of the OS/ALERT bit.
7.5.4 High- and Low-Limit Registers
In Comparator Mode (TM = 0), the ALERT pin of the TMP101 becomes active when the temperature equals or
exceeds the value in THIGH and generates a consecutive number of faults according to fault bits F1 and F0. The
ALERT pin remains active until the temperature falls below the indicated TLOW value for the same number of
faults.
In Interrupt Mode (TM = 1) the ALERT pin becomes active when the temperature equals or exceeds THIGH for a
consecutive number of fault conditions. The ALERT pin remains active until a read operation of any register
occurs or the device successfully responds to the SMBus Alert Response Address. The ALERT pin is also
cleared if the device is placed in Shutdown Mode. When the ALERT pin is cleared, it only becomes active again
by the temperature falling below TLOW. When the temperature falls below TLOW, the ALERT pin becomes active
and remains active until cleared by a read operation of any register or a successful response to the SMBus Alert
Response Address. When the ALERT pin is cleared, the above cycle repeats with the ALERT pin becoming
active when the temperature equals or exceeds THIGH. The ALERT pin can also be cleared by resetting the
device with the General Call Reset command. This action also clears the state of the internal registers in the
device, returning the device to Comparator Mode (TM = 0).
Both operational modes are represented in Figure 11. Table 11, Table 12, Table 13, and Table 14 describe the
format for the THIGH and TLOW registers. Power-up reset values for THIGH and TLOW are: THIGH = 80°C and TLOW =
75°C. The format of the data for THIGH and TLOW is the same as for the Temperature Register.
Table 11. Byte 1 of the THIGH Register
D7
D6
D5
D4
D3
D2
D1
D0
H11
H10
H9
H8
H7
H6
H5
H4
Table 12. Byte 2 of the THIGH Register
D7
D6
D5
D4
D3
D2
D1
D0
H3
H2
H1
H0
0
0
0
0
Table 13. Byte 1 of the TLOW Register
D7
D6
D5
D4
D3
D2
D1
D0
L11
L10
L9
L8
L7
L6
L5
L4
Table 14. Byte 2 of the TLOW Register
D7
D6
D5
D4
D3
D2
D1
D0
L3
L2
L1
L0
0
0
0
0
All 12 bits for the Temperature, THIGH, and TLOW registers are used in the comparisons for the ALERT function for
all converter resolutions. The three LSBs in THIGH and TLOW can affect the ALERT output even if the converter is
configured for 9-bit resolution.
18
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com