công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP100NA/3K bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện TMP100NA/3K
Giải thích chi tiết về linh kiện  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP100NA/3K bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TMP100NA/3K Datasheet HTML 10Page - Texas Instruments TMP100NA/3K Datasheet HTML 11Page - Texas Instruments TMP100NA/3K Datasheet HTML 12Page - Texas Instruments TMP100NA/3K Datasheet HTML 13Page - Texas Instruments TMP100NA/3K Datasheet HTML 14Page - Texas Instruments TMP100NA/3K Datasheet HTML 15Page - Texas Instruments TMP100NA/3K Datasheet HTML 16Page - Texas Instruments TMP100NA/3K Datasheet HTML 17Page - Texas Instruments TMP100NA/3K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Frame 1 SMBus ALERT Response Address Byte
Frame 2 Slave Address From TMP100
Start By
Master
ACK By
TMP100
or TMP101
From
TMP100
orTMP101
NACK By
Master
Stop By
Master
1
9
1
9
SDA
SCL
ALERT
0
0
0
1
1
0
0
R/W
1
0
0
1
A2
A1
A0
S ta tu s
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
Figure 9. Timing Diagram for SMBus ALERT
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The Shutdown Mode of the TMP100 and TMP101 devices lets the user save maximum power by shutting down
all device circuitry other than the serial interface, which reduces current consumption to less than 1 µA. For the
TMP100 and TMP101 devices, Shutdown Mode is enabled when the SD bit is 1. The device shuts down when
the current conversion is completed. For SD equal to 0, the device maintains continuous conversion.
7.4.2 OS/ALERT (OS)
The TMP100 and TMP101 devices feature a One-Shot Temperature Measurement Mode. When the device is in
Shutdown Mode, writing 1 to the OS/ALERT bit starts a single temperature conversion. The device returns to the
shutdown state at the completion of the single conversion. This feature is useful to reduce power consumption in
the TMP100 and TMP101 devices when continuous monitoring of temperature is not required.
Reading the OS/ALERT bit provides information about the Comparator Mode status. The state of the POL bit
inverts the polarity of data returned from the OS/ALERT bit. For POL = 0, the OS/ALERT reads as 1 until the
temperature equals or exceeds THIGH for the programmed number of consecutive faults, causing the OS/ALERT
bit to read as 0. The OS/ALERT bit continues to read as 0 until the temperature falls below TLOW for the
programmed number of consecutive faults when the OS/ALERT bit again reads as 1. The status of the TM bit
does not affect the status of the OS/ALERT bit.
7.4.3 Thermostat Mode (TM)
The Thermostat Mode bit of the TMP101 device indicates to the device whether to operate in Comparator Mode
(TM = 0) or Interrupt Mode (TM = 1). For more information on comparator and interrupt modes, see the High-
and Low-Limit Registers section.
7.4.3.1 Comparator Mode (TM = 0)
In Comparator Mode (TM = 0), the ALERT pin is activated when the temperature equals or exceeds the value in
the THIGH register and remains active until the temperature falls below the value in the TLOW register. For more
information on the Comparator Mode, see the High- and Low-Limit Registers section.
7.4.3.2 Interrupt Mode (TM = 1)
In Interrupt Mode (TM = 1), the ALERT pin is activated when the temperature exceeds THIGH or goes below the
TLOW registers. The ALERT pin is cleared when the host controller reads the temperature register. For more
information on the interrupt mode, see the High- and Low-Limit Registers section.
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com