| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7514 bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7514 bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 74 page ![]() TDA7514 42/74 Table 37. SUBADDRESS 21 : SD pin configuration, Smeter test MUXer MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 SD pin configuration 0 0 IFC AND FS Stop Station (output) 0 1 IFC (output) 1 0 FS Stop Station (output) 1 1 test (tristate) pin #SD used as: output from ISS AC det output from ISS MP detinput to ISS AC driver input to ISS MP driver SMETER TEST MUXER 00 00 00 test off 00 00 01 AM AGC1W OFFSET 00 00 10 AMAGC1N OFFSET 00 00 11 AM AGC1UN OFFSET 0 0 0 1 0 0 FM MULTIPATH PEAK 00 01 01 FM SD THR 00 01 10 AM IF2AMP OUT 00 01 11 AM SD THR 00 10 00 FM W/KAGC OUT 0 0 1 0 0 1 not used 00 10 10 FM DEMODADJ OUT 00 10 11 FM DEMODADJMUTE OUT 00 11 00 INLOCK 0 0 1 1 0 1 FM SMETERISSON THR 0 0 1 1 1 0 FM SMETERISSON BIT 0 0 1 1 1 1 FM ISSFILTER INPUT (OUT) [if byte<16>bit<6>=1] 0 1 0 0 0 0 456KVCOADJ SET456 BIT 01 00 01 456KVCOADJ ENIFC BIT 0 1 0 0 1 0 456KVCOADJ CHECK BIT 01 00 11 456KVCOADJ Q21 BIT 01 01 00 FM SMETERUNFILTERED 0 1 0 1 0 1 QUAL SMETERX1 01 01 10 QUAL SMETER1ms 01 01 11 QUAL USN 01 10 00 STD NOISE 0 1 1 0 0 1 FM ADJCHMUTE REF 01 10 10 FM SOFMUTE REF 0 1 1 0 1 1 AM IFNBSMETERtoSD COMMAND [must put SD in tristate] 01 11 00 AM IFNB FASTRECT OUT 01 11 01 AM IFNB SLOWRECT OUT 0 1 1 1 1 0 AM IFNB BLANK PULSE 0 1 1 1 1 1 AM IFNB SMETDESENS THR 10 00 00 FM NAGC OUT |