| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ256GA704 bảng dữ liệu(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ256GA704 bảng dữ liệu(HTML) 83 Page - Microchip Technology |
|
83 / 412 page ![]() 2016 Microchip Technology Inc. DS30010118B-page 83 PIC24FJ256GA705 FAMILY TABLE 7-3: RESET DELAY TIMES FOR VARIOUS DEVICE RESETS Reset Type Clock Source SYSRST Delay System Clock Delay Notes POR EC TPOR + TSTARTUP + TRST — 1, 2, 3 ECPLL TPOR + TSTARTUP + TRST TLOCK 1, 2, 3, 5 XT, HS, SOSC TPOR + TSTARTUP + TRST TOST 1, 2, 3, 4 XTPLL, HSPLL TPOR + TSTARTUP + TRST TOST + TLOCK 1, 2, 3, 4, 5 FRC, OSCFDIV TPOR + TSTARTUP + TRST TFRC 1, 2, 3, 6, 7 FRCPLL TPOR + TSTARTUP + TRST TFRC + TLOCK 1, 2, 3, 5, 6 LPRC TPOR + TSTARTUP + TRST TLPRC 1, 2, 3, 6 BOR EC TSTARTUP + TRST — 2, 3 ECPLL TSTARTUP + TRST TLOCK 2, 3, 5 XT, HS, SOSC TSTARTUP + TRST TOST 2, 3, 4 XTPLL, HSPLL TSTARTUP + TRST TOST + TLOCK 2, 3, 4, 5 FRC, OSCFDIV TSTARTUP + TRST TFRC 2, 3, 6, 7 FRCPLL TSTARTUP + TRST TFRC + TLOCK 2, 3, 5, 6 LPRC TSTARTUP + TRST TLPRC 2, 3, 6 MCLR Any Clock TRST — 3 WDT Any Clock TRST — 3 Software Any clock TRST — 3 Illegal Opcode Any Clock TRST — 3 Uninitialized W Any Clock TRST — 3 Trap Conflict Any Clock TRST — 3 Note 1: TPOR = Power-on Reset delay (10 s nominal). 2: TSTARTUP = TVREG. 3: TRST = Internal State Reset Time (2 s nominal). 4: TOST = Oscillator Start-up Timer (OST). A 10-bit counter counts 1024 oscillator periods before releasing the oscillator clock to the system. 5: TLOCK = PLL Lock Time. 6: TFRC and TLPRC = RC Oscillator Start-up Times. 7: If Two-Speed Start-up is enabled, regardless of the Primary Oscillator selected, the device starts with FRC so the system clock delay is just TFRC, and in such cases, FRC start-up time is valid; it switches to the Primary Oscillator after its respective clock delay. |