công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ256GA704 bảng dữ liệu(PDF) 70 Page - Microchip Technology

tên linh kiện PIC24FJ256GA704
Giải thích chi tiết về linh kiện  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA704 bảng dữ liệu(HTML) 70 Page - Microchip Technology

Back Button PIC24FJ256GA704 Datasheet HTML 66Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 67Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 68Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 69Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 70Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 71Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 72Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 73Page - Microchip Technology PIC24FJ256GA704 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 70
 2016 Microchip Technology Inc.
TABLE 5-1:
DMA TRIGGER SOURCES
CHSEL<6:0>
Trigger (Interrupt)
CHSEL<6:0>
Trigger (Interrupt)
0000000
Off
1000001
UART2 TX Interrupt
0001001
MCCP4 IC/OC Interrupt
1000010
UART2 RX Interrupt
0001010
MCCP4 Timer Interrupt
1000011
UART2 Error Interrupt
0001011
MCCP3 IC/OC Interrupt
1000100
UART1 TX Interrupt
0001100
MCCP3 Timer Interrupt
1000101
UART1 RX Interrupt
0001101
MCCP2 IC/OC Interrupt
1000110
UART1 Error Interrupt
0001110
MCCP2 Timer Interrupt
1001011
DMA Channel 5 Interrupt
0001111
MCCP1 IC/OC Interrupt
1001100
DMA Channel 4 Interrupt
0010000
MCCP1 Timer Interrupt
1001101
DMA Channel 3 Interrupt
0010100
OC3 Interrupt
1001110
DMA Channel 2 Interrupt
0010101
OC2 Interrupt
1001111
DMA Channel 1 Interrupt
0010110
OC1 Interrupt
1010000
DMA Channel 0 Interrupt
0011010
IC3 Interrupt
1010001
A/D Interrupt
0011011
IC2 Interrupt
1010011
PMP Interrupt
0011100
IC1 Interrupt
1010100
HLVD Interrupt
0100000
SPI3 Receive Interrupt
1010101
CRC Interrupt
0100001
SPI3 Transmit Interrupt
1011011
CLC2 Out
0100010
SPI3 General Interrupt
1011100
CLC1 Out
0100011
SPI2 Receive Interrupt
1011110
RTCC Alarm Interrupt
0100100
SPI2 Transmit Interrupt
1100001
TMR3 Interrupt
0100101
SPI2 General Interrupt
1100010
TMR2 Interrupt
0100110
SPI1 Receive Interrupt
1100011
TMR1 Interrupt
0100111
SPI1 Transmit Interrupt
1100110
CTMU Trigger
0101000
SPI1 General Interrupt
1100111
Comparator Interrupt
0101111
I2C2 Slave Interrupt
1101000
INT4 Interrupt
0110000
I2C2 Master Interrupt
1101001
INT3 Interrupt
0110001
I2C2 Bus Collision Interrupt
1101010
INT2 Interrupt
0110010
I2C1 Slave Interrupt
1101011
INT1 Interrupt
0110011
I2C1 Master Interrupt
1101100
INT0 Interrupt
0110100
I2C1 Bus Collision Interrupt
1101101
Interrupt-on-Change (IOC) Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More