công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WDBR7 bảng dữ liệu(PDF) 3 Page - TT Electronics.

tên linh kiện WDBR7
Giải thích chi tiết về linh kiện  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WDBR7 bảng dữ liệu(HTML) 3 Page - TT Electronics.

  WDBR7 Datasheet HTML 1Page - TT Electronics. WDBR7 Datasheet HTML 2Page - TT Electronics. WDBR7 Datasheet HTML 3Page - TT Electronics. WDBR7 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ultra Low Profile Power Resistors
WDBR Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
07.24
Application Notes
Pulse and Overload Performance
A heatsink with thermal resistance ≤0.53°C/W will enable the component to operate at its continuous power rating. Sufficient thermal
grease (e.g. Dow Corning DC340) to give void-free coverage, or a 0.5mm thick compliant thermal pad (e.g. T Global TG-X) should be used
and the heatsink should have a surface finish of <6.3μm with flatness of <0.05mm. The resistor should be mounted using an appropriate
bolt as listed in the table below. This should be tightened so as to bring the whole area of the steel substrate into intimate contact with
the heatsink. The unmounted part is slightly bowed so that the centre is above the edges. Inadequate tightening will leave the centre out
of contact with the heatsink, whilst over tightening can cause the edges to rise. The tightening torque required will depend on the fixings
and heatsink used, but typical figures are given for guidance.
Note:
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C. Single pulse or low repetition rate, such that mean power ≤ 10% of rated power. ΔR ≤ 5%
Maximum Peak Current
WDBR resistors will fail safe (open circuit) under overload fault conditions and still maintain a 1kV dielectric withstand.
Soldering of solder pad (termination I) variants requires the use of a hot plate. Hand solder process recommendations are available.
WDBR resistors may be customised in various ways including:
•
Alternative shapes and dimensions up to 406mm x 406mm
•
Integration of temperature measurement elements and thermal cutouts
•
Alternative ohmic values and tolerances
•
Increased dielectric withstand voltage
•
Custom braking resistors
•
Integration of multiple power resistors
For a similar product with UL508 recognition see WDBR-UL:
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Datasheet/WDBR-UL.pdf
Maximum Surge / Overload Power
Maximum Surge / Overload Energy



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com