| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS6012CDWPR bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS6012CDWPR bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 37 page ![]() + – 620 Ω 620 Ω 75 Ω 75 Ω 75 Ω 75 Ω 75 Ω N Lines VO1 VON THS6012 75 Ω Transmission Line VI + – RF VO RG R2 R1 C1 RA VI THS6012 For Stable Operation: R2 R1 || RA ≥ RF RG sR1C1 ( ) RF RG 1 + VO ≅ VI THS6012 SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012 www.ti.com Figure 51. Non-Inverting CFB Integrator Another good use for the THS6012 amplifiers is as very good video distribution amplifiers. One characteristic of distribution amplifiers is the fact that the differential phase (DP) and the differential gain (DG) are compromised as the number of lines increases and the closed-loop gain increases. Be sure to use termination resistors throughout the distribution system to minimize reflections and capacitive loading. Figure 52. Video Distribution Amplifier Application EVALUATION BOARD An evaluation board is available for the THS6012 (literature number SLOP132). This board has been configured for proper thermal management of the THS6012. The circuitry has been designed for a typical ADSL application as shown previously in this document. For more detailed information, refer to the THS6012EVM User's Manual (literature number SLOU034). To order the evaluation board contact your local TI sales office or distributor. 28 Copyright © 1998–2012, Texas Instruments Incorporated |