công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAPPHIRE-LP bảng dữ liệu(PDF) 6 Page - Coherent Corp

tên linh kiện SAPPHIRE-LP
Giải thích chi tiết về linh kiện  CW Visible Lasers from Deep Blue to Orange
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COHERENT [Coherent Corp]
Trang chủ  https://www.coherent.com/
Logo COHERENT - Coherent Corp

SAPPHIRE-LP bảng dữ liệu(HTML) 6 Page - Coherent Corp

  SAPPHIRE-LP Datasheet HTML 1Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 2Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 3Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 4Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 5Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 6Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@coherent.com
www.coherent.com
MECHANICAL SPECIFICATIONS
Sapphire LP
Sapphire LP
CW Visible Lasers from Deep Blue to Orange
15 mm
(0.6 in.)
17.9 mm
(0.7 in.)
17.5 mm
(0.69 in.)
5 mm (0.2 in.)
10 mm (0.4 in.)
110 mm
(4.3 in.)
115.6 mm (4.5 in.)
120 mm (4.7 in.)
125 mm (4.9 in.)
7.5 mm
(0.3 in.)
19 mm
(0.75 in.)
34 mm
(1.3 in.)
Beam
Exit
6 mm
(0.24 in.)
70 mm
(2.75 in.)
55 mm
(2.2 in.)
45 mm
(1.8 in.)
Position of Dowel Pins
(Beam Registering)
LED
(Emission Indicator)
Connection to Controller
(25pin SUB-D male)
DC Supply for Fan
(AMP-MODU-2pin-male)
Interfacing Part (Heatsink) should have
flatness <0.05 mm (0.002 in.)
Beam Waist at Exit Window
[3 mm (0.12 in.) inside from here]
[±200 mm (7.9 in.)]
4 Holes Ø4.0 mm (0.16 in.)
for Screws M3, UNC/UNF No.5&6,
1/8-40 BSW/BSF or BA No.4&5
Rear View
Side View
Front View
Top View
Coherent follows a policy of continuous product improvement. Specifications are subject to change without notice. Coherent’s scientific and industrial lasers are certified to comply with the Federal Regulations
(21 CFR Subchapter J) as administered by the Center for Devices and Radiological Health on all systems ordered for shipment after August 2, 1976.
Coherent offers a limited warranty for all Sapphire Lasers. For full details of this warranty coverage, please refer to the Service section at www.coherent.com or contact your local Sales or Service Representative.
MC-027-10-0M0722Rev.M Copyright ©2022 Coherent, Inc.
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.58 to 0.60 µm
0.79 to 0.82 µm
1.10 to 1.20 µm
Max. Power
480 mW
20 mW
50 mW
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.55 to 0.58 µm
0.79 to 0.82 µm
1.10 to 1.20 µm
Max. Power
480 mW
20 mW
50 mW
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.54 to 0.57 µm
0.79 to 0.82 µm
1.10 to 1.20 µm
Max. Power
480 mW
20 mW
50 mW
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.50 to 0.55 µm
0.79 to 0.82 µm
1.00 to 1.10 µm
Max. Power
480 mW
20 mW
50 mW
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.45 to 0.50 µm
0.79 to 0.82 µm
0.90 to 1.00 µm
Max. Power
480 mW
20 mW
50 mW
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.45 to 0.50 µm
0.79 to 0.82 µm
0.90 to 1.00 µm
Max. Power
350 mW
20 mW
50 mW
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IIIb LASER PRODUCT.
λ
0.45 to 0.50 µm
0.79 to 0.82 µm
0.90 to 1.00 µm
Max. Power
150 mW
20 mW
50 mW



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com