công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAPPHIRE-LP bảng dữ liệu(PDF) 4 Page - Coherent Corp

tên linh kiện SAPPHIRE-LP
Giải thích chi tiết về linh kiện  CW Visible Lasers from Deep Blue to Orange
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COHERENT [Coherent Corp]
Trang chủ  https://www.coherent.com/
Logo COHERENT - Coherent Corp

SAPPHIRE-LP bảng dữ liệu(HTML) 4 Page - Coherent Corp

  SAPPHIRE-LP Datasheet HTML 1Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 2Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 3Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 4Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 5Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 6Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPECIFICATIONS
Sapphire LP
CW Visible Lasers from Deep Blue to Orange
Sapphire 561 LP
Sapphire 568 LP
Sapphire 588 LP
Sapphire 594 LP
Wavelength1 (nm)
561 ±2
568 ±2
588 ±2
594 ±2
Output Power2 (mW)
20, 50, 75, 100,
150, 200, 300
50, 100, 150, 200
20, 100
75
Spatial Mode
TEM00, M² <1.1
Beam Asymmetry
0.9 to 1.1
Beam Diameter at 1/e2
0.70 ±0.05 mm
Beam Divergence (mrad)
<1.3
Pointing Stability (µrad)
(over 2 hours after warm-up and ±3°C)
<30
Noise (%)
20 Hz to 2 MHz, rms
20 Hz to 20 kHz, peak-to-peak
<0.25
<1
Long-Term Power Stability (%) (2 hours, ±3°C)
<2
Warm-up Time (minutes)
<5
Polarization Ratio
>100:1, vertical
Static Alignment Tolerances3
Beam Position (mm)
Beam Angle (mrad)
Beam Waist Position with respect to Exit Window
±0.25
±2.5
±2004
UTILITY AND ENVIRONMENTAL REQUIREMENTS
Operating Voltage5 (VDC)
Maximum Rated
Nominal
+10.8 to 15.0
+12.0 to 13.2
Power Consumption (W)
<60
Max. Laser Head Baseplate Temperature6
+50°C (122°F)
Max. Heat Dissipation of Head (W)
25 (baseplate at 50°C)
Ambient Temperature
Operating Condition
Non-Operating Condition
10 to 40°C (50 to 104°F) non-condensing
-30 to 60°C (-22 to 140°F)
Shock Tolerance (6 ms)
7 g laterally, 15 g vertically
Dimensions (L x W x H)
Laser Head
Controller
Heat Sink (optional)
DC Power Supply (optional)
Cable — Laser Head to Controller
125 x 70 x 34 mm (4.9 x 2.8 x 1.3 in.)
117.8 x 76.2 x 30 mm (4.6 x 3.0 x 1.2 in.)
200 x 80 x 50 mm (7.9 x 3.2 x 2 in.)
171 x 104 x 55 mm (6.7 x 4.1 x 2.2 in.)
2 m (6.56 ft.), optional 5 m (16.4 ft.)
Weights
Laser Head
Controller
Heat Sink (optional)
DC Power Supply (optional)
Packaged System (head+controller+cable+manual)
Cable — Laser Head to Controller
0.35 kg (0.77 lbs.)
0.25 kg (0.55 lbs.)
0.75 kg (1.65 lbs.)
0.95 kg (incl. line cable) (2.1 lbs.)
1.7 kg (3.7 lbs.)
0.3 kg (0.66 lbs.)
1 Laser-to-laser tolerance. With residual IR emission less than 0.1 mW.
2 Output power is adjustable via analog or digital interface from 10% to 110%. Specifications are valid for 100% power. Recommend ed power range is 70 to 110% power.
3 Static alignment tolerances are relative to the right bottom edge (in beam direction).
4 200 mm is ~30% of Raleigh Range at 514/532/561/568 nm; 200 mm is ~25% of Raleigh Range at 458/488 nm.
5 If user-supplied, the DC power supply has to meet the following requirements: Power >60W; ripple <5% peak-to-peak; line regulation <0.5%.
6 With factory-provided or other adequate heat sink.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com