công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF2X/4X/6XK40 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện PIC18LF2X/4X/6XK40
Giải thích chi tiết về linh kiện  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF2X/4X/6XK40 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button PIC18LF2X/4X/6XK40 Datasheet HTML 9Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 10Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 11Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 12Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 13Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 14Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 15Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 16Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RC1
29
—
—
—
—
—
RX4(1)
DT4(3)
—
T6IN(1)
—
—
—
—
IOCC1
SOSCI
RC2
33
—
—
—
—
—
—
—
—
—
—
CWG1IN(1)
—
IOCC2
—
RC3
34
—
—
—
—
SCL1(3,4)
SCK1(1)
—
—
—
—
—
—
—
IOCC3
—
RC4
35
—
—
—
—
SDA1(3,4)
SDI1(1)
—
—
—
—
—
—
—
IOCC4
—
RC5
36
—
—
—
—
—
—
—
—
—
—
—
—
IOCC5
—
RC6
31
—
—
—
—
—
CK1(3)
—
—
—
—
—
—
IOCC6
—
RC7
32
—
—
—
—
—
RX1(1)
DT1(3)
—
—
—
—
—
—
IOCC7
—
RD0
58
AND0
—
—
—
—
—
—
—
—
—
—
—
—
—
RD1
55
AND1
—
—
—
—
—
—
T5CKI(1)
T7G(1)
——
—
—
—
—
RD2
54
AND2
—
—
—
—
—
—
—
—
—
—
—
—
—
RD3
53
AND3
—
—
—
—
—
MDCARL(1)
——
—
—
—
—
—
RD4
52
AND4
—
—
—
—
—
MDCARH(1)
—
—
—
—
—
—
—
RD5
51
AND5
—
—
—
SDA2(3,4)
SDI2(1)
—
MDSRC(1)
——
—
—
—
—
—
RD6
50
AND6
—
—
—
SCL2(3,4)
SCK2(1)
—
—
—
—
—
—
—
—
—
RD7
49
AND7
—
—
—
SS2(1)
——
—
—
—
—
—
—
—
RE0
2
ANE0
—
—
—
—
CK3(3)
—
—
—
—
—
—
IOCE0
—
RE1
1
ANE1
—
—
—
—
RX3(1)
DT3(3)
——
—
—
—
—
IOCE1
—
RE2
64
ANE2
—
—
—
—
CK5(3)
—
—
—
—
—
—
IOCE2
—
RE3
63
ANE3
—
—
—
—
RX5(1)
DT5(3)
——
—
—
—
—
IOCE3
—
RE4
62
ANE4
—
—
—
—
—
—
T4IN(1)
—
CCP5(1)
—
—
IOCE4
—
RE5
61
ANE5
—
—
—
—
—
—
—
—
CCP4(1)
——
IOCE5
—
TABLE 5:
64-PIN ALLOCATION TABLE PIC18(L)F6XK40 (CONTINUED)
Note
1:
This is a PPS remappable signal. The input function may be removed from the default location shown to one of several other PORTx pins. Details about this can be found in the data sheet.
2:
All output signals shown in this row are PPS remappable. These signals may be mapped to output onto one of several POTRTx pin options. Details about this can be found in the data sheet.
3:
This is a bidirectional signal. For normal module operation, the firmware should map this signal to the same pin in both the PPS input and PPS output registers.
4:
These pins are configured for I2C logic levels; The SCLx/SDAx signals may be assigned to any of these pins. PPS assignments to the other pins (e.g., RA5) will operate, but input logic levels will be
standard TTL/ST as selected b the INLVL register, instead of the I2C specific input buffer thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17