công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF2X/4X/6XK40 bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện PIC18LF2X/4X/6XK40
Giải thích chi tiết về linh kiện  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF2X/4X/6XK40 bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button PIC18LF2X/4X/6XK40 Datasheet HTML 6Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 7Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 8Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 9Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 10Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 11Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 12Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 13Page - Microchip Technology PIC18LF2X/4X/6XK40 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TABLE 4:
40/44-PIN ALLOCATION TABLE (PIC18(L)F4XK40)
I/O(2)
RA0
2
17
19
19
AN0
—
—
—
—
—
—
IOCA0
—
—
—
—
Y
—
RA1
3
18
20
20
AN1
—
C1IN1-
C2IN1-
—
—
—
—
IOCA1
—
—
—
—
Y
—
RA2
4
19
21
21
AN2
DAC1OUT1
VREF- (DAC5)
VREF- (ADC)
C1IN0+
C2IN0+
—
—
—
—
IOCA2
—
—
—
—
Y
—
RA3
5
20
22
22
ANA3
VREF+ (DAC5)
VREF+ (ADC)
C1IN1+
—
—
—
—
IOCA3
—
MDCIN1(1)
—
—
Y
—
RA4
6
21
23
23
—
—
T0CKI(1)
—
—
—
IOCA4
—
MDCIN2(1)
—
—
Y
—
RA5
7
22
24
24
AN4
—
—
—
—
—
—
IOCA5
—
MDMIN(1)
SSP1SS(1)
LVDIN
Y
—
RA6
14
29
33
31
—
—
—
—
—
—
—
IOCA6
—
—
—
—
Y
CLKOUT
OSC2
RA7
13
28
32
30
—
—
—
—
—
—
—
IOCA7
—
—
—
—
Y
OSC1
ECIN
RB0
33
8
9
8
AN12
—
C2IN1+
—
—
CWG1(1)
ZCD
IOCB0
INT0(1)
—
—
—
—
Y
—
RB1
34
9
10
9
AN10
—
C1IN3-
C2IN3-
—
—
—
—
IOCB1
INT1(1)
—
—
—
—
Y
—
RB2
35
10
11
10
AN8
—
—
—
—
—
—
IOCB2
INT2(1)
—
—
—
—
Y
—
RB3
36
11
12
11
AN9
—
C1IN2-
C2IN2-
—
—
—
—
IOCB3
—
—
—
—
Y
—
RB4
37
12
14
14
AN11
—
—
T5G(1)
—
—
—
IOCB4
—
—
—
—
Y
—
RB5
38
13
15
15
AN13
—
—
T1G(1)
—
—
—
IOCB5
—
—
—
—
Y
—
RB6
39
14
16
16
—
—
—
—
—
—
—
IOCB6
—
—
—
—
Y
ICSPCLK
RB7
40
15
17
17
—
DAC1OUT2
—
T6AIN(1)
—
—
—
IOCB7
—
—
—
—
Y
ICSPDAT
RC0
15
30
34
32
—
—
—
T1CKI(1)
T3CKI(1)
T3G(1)
—
—
—
IOCC0
—
—
—
—
Y
SOSCO
RC1
16
31
35
35
—
—
—
—
CCP2(1)
—
—
IOCC1
—
—
—
—
Y
SOSCIN
SOSCI
RC2
17
32
36
36
AN14
—
—
T5CKI(1)
CCP1(1)
—
—
IOCC2
—
—
—
—
Y
—
RC3
18
33
37
37
AN15
—
—
T2AIN(1)
—
—
—
IOCC3
—
—
SSP1CLK(1,3)
—
Y
—
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a peripheral digital output with the PPS output selection registers.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17