công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SDPNFAQ bảng dữ liệu(PDF) 145 Page - Cypress Semiconductor

tên linh kiện S25FL256SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ bảng dữ liệu(HTML) 145 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 144Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 145Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 146Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 147Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 148Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 149Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 145 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 144 of 148
S25FL128S/S25FL256S
14. Revision History
Document Title: S25FL128S/S25FL256S, 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
Document Number: 001-98283
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
–
BWHA
05/25/2011
Initial release
*A
–
BWHA
11/18/2011
Global:
Promoted data sheet to Preliminary status
Corrected minor typos and grammatical errors
Performance Summary:
Updated the Serial Read 50 MHz current consumption value from 14 mA (max) to 16 mA
(max)
Updated the Serial Read 133 MHz current consumption value from 25 mA (max) to 33
mA (max)
Power-Up and Power-DownRemoved the statement “The device draws ICC1 (50 MHz
value) during tPU”
DC Characteristics:
Updated the ICC1 Active Power Supply Current (READ) Serial SDR @ 50 MHz maximum
value from 14 mA to 16 mA
Updated the ICC1 Active Power Supply Current (READ) Serial SDR @ 133 MHz
maximum value from 25 mA to 33 mA
SDR AC Characteristics:
Added the tCSH CS# Active Hold Time (Relative to SCK) maximum value of 3000 ns,
with a note indicating that this only applies during the Program/Erase Suspend/Resume
commands
DDR AC Characteristics: Added the tCSH CS# Active Hold Time (Relative to SCK)
maximum value of 3000 ns, with a note indicating that this only applies during the
Program/Erase Suspend/Resume commands
Capacitance Characteristics: Added a Note 1, pointing users to the IBIS models for more
details on capacitance
Physical Interface:
Corrected pin 5 of the SOIC 16 Connection Diagram from NC to DNU
Corrected pin 13 of the SOIC 16 Connection Dig ram from DNU to NC
Replaced the WNF008 drawing with the WNG008 drawing
Updated the FAB024 drawing to the latest version
ASP Register: Corrected the statement “The programming time of the ASP Register is
the same as the typical byte programming time” to “The programming time of the ASP
Register is the same as the typical page programming time”
Persistent Protection Bits: Corrected the statement “Programming a PPB bit requires the
typical byte programming time” to “Programming a PPB bit requires the typical page
programming time”
Register Read or Write:
Corrected the statement “…the device remains busy and unable to receive most new
operation commands.” to “..the device remains busy. Under this condition, only the CLSR,
WRDI, RDSR1, RDSR2, and software RESET commands are valid commands.”
Page Program (PP 02h or 4PP 12h):
Removed the statement “If more than a page of data is sent to the device, previously
latched data are discarded and the last page worth of data (either 256 or 512 bytes) are
programmed in the page. This is the result of the device being equipped with a page
program buffer that is only page size in length.”
Embedded Algorithm Performance Tables:
Updated the t_W WRR Write Time typical value from 100 ms to 140 ms and the maximum
value from 200 ms to 500 ms
Updated t_PP Page Programming Time (256 bytes) maximum value from 550 µs to 750
µs.
Added Note 3 and Note 4 to Table 10.7 to note shared performance values across other
commands
Updated the t_ESL Erase Suspend Latency maximum value from 40 µs to 45 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com