công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SDPNFAQ bảng dữ liệu(PDF) 141 Page - Cypress Semiconductor

tên linh kiện S25FL256SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ bảng dữ liệu(HTML) 141 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 139Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 140Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 144Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 145Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 140 of 148
S25FL128S/S25FL256S
11.5
Initial Delivery State
The device is shipped from Cypress with non-volatile bits set as follows:
The entire memory array is erased: i.e. all bits are set to 1 (each byte contains FFh).
The OTP address space has the first 16 bytes programmed to a random number. All other bytes are erased to FFh.
The ID-CFI address space contains the values as defined in the description of the ID-CFI address space.
The Status Register 1 contains 00h (all SR1 bits are cleared to 0’s).
The Configuration Register 1 contains 00h.
The Autoboot register contains 00h.
The Password Register contains FFFFFFFF-FFFFFFFFh.
All PPB bits are 1.
The ASP Register contents depend on the ordering options selected:
Table 79. DYB Access Register (DYBAR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
DYB
Read or Write
per sector DYB
Volatile
FFh
00h = DYB for the sector addressed by the DYBRD or DYBP
command is cleared to ‘0’, protecting that sector from program or
erase operations.
FFh = DYB for the sector addressed by the DYBRD or DYBP
command is set to ‘1’, not protecting that sector from program or
erase operations.
Table 80. Non-Volatile Data Learning Register (NVDLR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
NVDLP
Non-Volatile
Data Learning
Pattern
OTP
00h
OTP value that may be transferred to the host during DDR read
command latency (dummy) cycles to provide a training pattern to
help the host more accurately center the data capture point in
the received data bits.
Table 81. Volatile Data Learning Register (NVDLR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
VDLP
Volatile Data
Learning Pat-
tern
Volatile
Takes the
value of
NVDLR
during POR
or Reset
Volatile copy of the NVDLP used to enable and deliver the Data
Learning Pattern (DLP) to the outputs. The VDLP may be
changed by the host during system operation.
Table 82. ASP Register Content
Ordering Part Number Model
ASPR Default Value
00, 20, 30, R0, A0, B0, C0, D0,
01, 21, 31, R1, A1, B1, C1, D1,
90, Q0, 70, 60, 80,
91, Q1, 71, 61, 81
FE7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com