công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL256SDPNFAQ bảng dữ liệu(PDF) 26 Page - Cypress Semiconductor

tên linh kiện S25FL256SDPNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ bảng dữ liệu(HTML) 26 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 22Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 28Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 29Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 25 of 148
S25FL128S/S25FL256S
4.4
Power-Up and Power-Down
The device must not be selected at power-up or power-down (that is, CS# must follow the voltage applied on VCC) until VCC reaches
the correct value as follows:
VCC (min) at power-up, and then for a further delay of tPU
VSS at power-down
A simple pull-up resistor (generally of the order of 100 k
) on Chip Select (CS#) can usually be used to insure safe and proper
power-up and power-down.
The device ignores all instructions until a time delay of tPU has elapsed after the moment that VCC rises above the minimum VCC
threshold. See Figure 21. However, correct operation of the device is not guaranteed if VCC returns below VCC (min) during tPU. No
command should be sent to the device until the end of tPU.
After power-up (tPU), the device is in Standby mode (not Deep Power Down mode), draws CMOS standby current (ISB), and the
WEL bit is reset.
During power-down or voltage drops below VCC (cut-off), the voltage must drop below VCC (low) for a period of tPD for the part to
initialize correctly on power-up. See Figure 22. If during a voltage drop the VCC stays above VCC (cut-off) the part will stay initialized
and will work correctly when VCC is again above VCC (min). In the event Power-on Reset (POR) did not complete correctly after
power up, the assertion of the RESET# signal or receiving a software reset command (RESET) will restart the POR process.
Normal precautions must be taken for supply rail decoupling to stabilize the VCC supply at the device. Each device in a system
should have the VCC rail decoupled by a suitable capacitor close to the package supply connection (this capacitor is generally of the
order of 0.1 µf).
Figure 21. Power-Up
Table 6. Power-Up / Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC (min)
VCC (Minimum Operation Voltage)
2.7
–
V
VCC (cut-off)
VCC (Cut 0ff Where Re-initialization is Needed)
2.4
–
V
VCC (low)
VCC (Low Voltage for Initialization to Occur)
VCC (Low Voltage for Initialization to Occur at Embedded)
1.6
2.3
–
V
tPU
VCC (min) to Read Operation
–
300
µs
tPD
VCC (low) Time
15.0
–
µs
(max)
(min)
VCC
tPU
Full Device Access
Time
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com