công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1791ADB bảng dữ liệu(PDF) 49 Page - Texas Instruments

tên linh kiện PCM1791ADB
Giải thích chi tiết về linh kiện  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1791ADB bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button PCM1791ADB Datasheet HTML 45Page - Texas Instruments PCM1791ADB Datasheet HTML 46Page - Texas Instruments PCM1791ADB Datasheet HTML 47Page - Texas Instruments PCM1791ADB Datasheet HTML 48Page - Texas Instruments PCM1791ADB Datasheet HTML 49Page - Texas Instruments PCM1791ADB Datasheet HTML 50Page - Texas Instruments PCM1791ADB Datasheet HTML 51Page - Texas Instruments PCM1791ADB Datasheet HTML 52Page - Texas Instruments PCM1791ADB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
PCM1791A
SLES071B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
49
Audio Fields
The audio field is 32 bits in length and the audio data is transferred MSB first, so the other fields must be stuffed with
0s as shown in the following example.
31
16
12
8
7
4 3
0
audio data
MSB
24 bits
LSB
All 0s
TDMCA Register Requirements
TDMCA mode requires device ID and audio channel information, previously described. The OPE bit in register 19
indicates audio channel availability and register 23 indicates the device ID. Register 23 is used only in the TDMCA
mode. See the mode control register map (Table 4).
Register Write/Read Operation
The command supports register write and read operations. If the command requests to read one register, the read
data is transferred on DO during the data phase of the timing cycle. The DI signal can be retrieved at the positive
edge of BCK, and the DO signal is driven at the negative edge of BCK. DO is activated one BCK cycle early to
compensate for the output delay caused by high impedance. Figure 58 shows the TDMCA write and read timing.
BCK
DI
DO
DOEN
(Internal)
1 BCK Early
Read Mode and Proper Register ID
Write Data Retrieved, if Write Mode
Read Data Driven, if Read Mode
Register ID Phase
Data Phase
Figure 58. TDMCA Write and Read Operation Timing
TDMCA-Mode Operation
DCO specifies the owner of the next audio channel in TDMCA-mode operation. When a device retrieves its own audio
channel data, DCO goes HIGH during the last audio channel period. Figure 59 shows the DCO output timing in
TDMCA-mode operation. The host controller ignores the behavior of DCI and DCO. DCO indicates the last audio
channel of each device. Therefore, DCI means the next audio channel is allocated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com