| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM1791ADB bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1791ADB bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 65 page ![]() PCM1791A SLES071B − MARCH 2003 − REVISED NOVEMBER 2006 www.ti.com 35 Analog Gain of Balanced Amplifier The DAC voltage outputs are followed by balanced amplifier stages, which sum the differential signals for each channel, creating a single-ended voltage output. In addition, the balanced amplifiers provide a third-order low-pass filter function, which band limits the audio output signal. The cutoff frequency and gain are determined by external R and C component values. In this case, the cutoff frequency is 77 kHz with a gain of 1.83. The output voltage for each channel is 5.9 Vp-p, or 2.1 V rms. Application for Monaural-Mode Operation A single-channel signal from the stereo audio data input is output from both VOUTL and VOUTR as a differential output. The channel to be output is selected by setting the CHSL bit in register 20. The advantage of monaural operation is to provide over 115 dB of dynamic range for high-end audio applications. – + C3 C1 C2 R2 18 17 13 12 PCM1791A VOUTR+ VOUTL– VOUTL+ VOUTR– R4 R1 R3 R5 R6 R8 R7 L/R Clock Bit Clock System Clock Audio Data PCM1791A PCM1791A Controller Analog Output Stage VOUT R-Channel Analog Output Stage VOUT L-Channel Analog Output Stage NOTE: Example R and C values for fC = 77 kHz, R1–R4: 3.6 kΩ, R5, R6: 3.3 kΩ, R7, R8: 680 Ω, C1: 1800 pF, C2, C3: 560 pF. Figure 37. Connection Diagram for Monaural Mode Interface |