công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1276 bảng dữ liệu(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM1276
Giải thích chi tiết về linh kiện  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1276 bảng dữ liệu(HTML) 13 Page - National Semiconductor (TI)

Back Button LM1276 Datasheet HTML 9Page - National Semiconductor (TI) LM1276 Datasheet HTML 10Page - National Semiconductor (TI) LM1276 Datasheet HTML 11Page - National Semiconductor (TI) LM1276 Datasheet HTML 12Page - National Semiconductor (TI) LM1276 Datasheet HTML 13Page - National Semiconductor (TI) LM1276 Datasheet HTML 14Page - National Semiconductor (TI) LM1276 Datasheet HTML 15Page - National Semiconductor (TI) LM1276 Datasheet HTML 16Page - National Semiconductor (TI) LM1276 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Typical Performance Characteristics V
CC =5V, TA = 25˚C unless otherwise specified (Continued)
TABLE 2. OSD Register Recommendations
PPL=0
PPL=1
PPL=2
PPL=3
PPL=4
PPL=5
PPL=6
PPL=7
PLL Auto
25 - 61
25 - 53
25 - 98
25 - 110
25 - 110
25 - 108
25 - 102
25 - 96
Pin Descriptions and Application Information
Pin
No.
Pin Name
Schematic
Description
1
V Sync
Logic level vertical sync signal received from the
video card in the PC or sync stripper circuit.
2
4
Analog V
CC
Analog Ground
Ground pin and power supply pin for the input
analog portion of the LM1276. Note the
recommended charge storage and high
frequency capacitors, which should be as close
to pins 2 and 4 as possible.
3V
REFREXT
External current set resistor, 10k 1%, sets the
internal bias current level for optimum
performance of the LM1276. This resistor should
be placed as close to pin 3 and the pin 4 ground
return as possible.
5
6
7
Blue Video In
Red Video In
Green Video In
These video inputs must be AC coupled with a
.0047 µF cap. Internal DC restoration is done at
these inputs. A series resistor of about 33
Ω and
external ESD protection diodes should also be
used for protection from ESD damage.
8
9
PLL Ground
PLL Filter
Recommended topology and values are shown
to the left. It is recommended that both filter
branches be bypassed to the independent
ground as close to pin 8 as possible. Great care
should be taken to prevent external signals from
coupling into this filter from video, I
2C, etc.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com