công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1276 bảng dữ liệu(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM1276
Giải thích chi tiết về linh kiện  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1276 bảng dữ liệu(HTML) 39 Page - National Semiconductor (TI)

Back Button LM1276 Datasheet HTML 35Page - National Semiconductor (TI) LM1276 Datasheet HTML 36Page - National Semiconductor (TI) LM1276 Datasheet HTML 37Page - National Semiconductor (TI) LM1276 Datasheet HTML 38Page - National Semiconductor (TI) LM1276 Datasheet HTML 39Page - National Semiconductor (TI) LM1276 Datasheet HTML 40Page - National Semiconductor (TI) LM1276 Datasheet HTML 41Page - National Semiconductor (TI) LM1276 Datasheet HTML 42Page - National Semiconductor (TI) LM1276 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Pre-Amplifier Interface Registers (Continued)
Bit 0
When this bit is a 1, the video outputs are blanked (set to black level). When it is a 0, video is not
blanked.
Bit 1
When this bit is a 1, the analog sections of the preamplifier are shut down for low power
consumption. When it is a 0, the analog sections are enabled.
Bits 3–2
Reserved.
Bit 4
When this bit is set high, the calibration sequence for the PLL Auto Mode is initiated, the PLL Auto
mode is activated, and will unset itself upon completion.
Bit 5
This bit will enable the Burn In Screen.
Bits 7–6
These bits determine the contrast level of the Burn In Screen.
Auxiliary Control 1:
AUXCTRL1 (0x843A)
Horizontal Blank Position
H. Blank
Reserved
H Blnk
HBPOS[4:0]
HBPOS_EN
RSV
HBD
Bit 0
When this bit is a 0, the horizontal blanking input at pin 28 is gated to the video outputs to provide
horizontal blanking. When it is a 1, the horizontal blanking at the outputs is disabled.
Bit 1
Reserved.
Bit 2
When this bit is a 1, the position of the Horizontal Blanking pulse can be programmably varied
relative to the horizontal flyback in number of pixels. When this bit is a 0, which is by default, the
horizontal blanking pulse position will not be programmable.
Bits 7–3
These 5 bits determine the position of the Horizontal Blanking Pulse with respect to the horizontal
flyback in number of pixels.
Auxiliary Control 2:
AUXCTRL2 (0x843E)
Res’d
Res’d
Clamp
Clamp
Switch
OSD
VBlank
Res’d
Res’d
RSV
RSV
CLMP
CLMP
SW
OOR
VBL
RSV
RSV
Bits 1–0
Reserved and should be set to zero.
Bit 2
This is the Vertical Blanking register. When this bit is a 1, vertical blanking is gated to the video
outputs. When set to a 0, the video outputs do not have vertical blanking.
Bit 3
This is the OSD override bit. This should be set to 0 for normal operation. When set to a 1, the
video outputs are disconnected and OSD only is displayed. This is useful for the OSD display of
special conditions such as “No Signal” and “Input Signal Out of Range”, to avoid seeing
unsynchronized video.
Bit 4
Setting this bit will internally tie the clamp pin to the horizontal sync pin, and the clamp pin will not
require an external input signal.
Bit 5
This is the Clamp Polarity bit. When set to a 0, the LM1276 expects a positive going clamp pulse.
When set to a 1, the expected pulse is negative going.
Bits 7–6
Reserved and should be set to zero.
OSD Tone Transparency:
OSD TRANSP TONE (0x85C0)
Res’d
OSD TONE
RSV
OSDTONE[6:0]
Bits 6–0
These bits determine the transparency level of the OSD background.
Bit 7
Reserved and should be set to zero.
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com