công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA143UA/2K5 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện INA143UA/2K5
Giải thích chi tiết về linh kiện  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

INA143UA/2K5 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button INA143UA/2K5 Datasheet HTML 5Page - Texas Instruments INA143UA/2K5 Datasheet HTML 6Page - Texas Instruments INA143UA/2K5 Datasheet HTML 7Page - Texas Instruments INA143UA/2K5 Datasheet HTML 8Page - Texas Instruments INA143UA/2K5 Datasheet HTML 9Page - Texas Instruments INA143UA/2K5 Datasheet HTML 10Page - Texas Instruments INA143UA/2K5 Datasheet HTML 11Page - Texas Instruments INA143UA/2K5 Datasheet HTML 12Page - Texas Instruments INA143UA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
®
INA143, INA2143
APPLICATIONS INFORMATION
The INA143 and INA2143 are high-speed difference ampli-
fiers suitable for a wide range of general-purpose applica-
tions. Figure 1 shows the basic G = 10 configuration. The
input and feedback resistors can be reversed to achieve
G = 0.1, as shown in Figure 2. For applications requiring
G = 1, the INA133 and INA2133 are recommended.
Decoupling capacitors are strongly recommended for appli-
cations with noisy or high impedance power supplies. The
capacitors should be placed close to the device pins as
shown in Figure 1. All circuitry is completely independent
in the dual version assuring lowest crosstalk and normal
behavior when one amplifier is overdriven or short-cir-
cuited.
As shown in Figure 1, the differential input signal is con-
nected to pins 2 and 3. The source impedances connected to
the inputs must be nearly equal to assure good common-
mode rejection. A 5
Ω mismatch in source impedance will
degrade the common-mode rejection of a typical device to
approximately 86dB (RTI). If the source has a known
impedance mismatch, an additional resistor in series with
the opposite input can be used to preserve good common-
mode rejection.
The INA143’s internal resistors are accurately ratio trimmed
to match. That is, R1/R2 and R3/R4 are trimmed to equal 0.1.
However, the absolute values may not be equal (R1 + R2 may
be slightly different than R3 + R4). Thus, large series resistors
on the input (greater than 100
Ω), even if well matched, will
degrade common-mode rejection.
V
3
5
6
1
3
INA143
V
O = 10 (V3 – V2)
2
R
3
10k
Ω
R
4
100k
Ω
R
1
10k
Ω
R
2
100k
Ω
V
2
–In
+In
1
µF
V–
4
1
µF
V+
7
FIGURE 1. G = 10 Basic Power Supply and Signal Connections.
OPERATING VOLTAGE
The INA143 and INA2143 operate from single (+4.5V to
+36V) or dual (
±2.25V to ±18V) supplies with excellent
performance. Specifications are production tested with
±5V
and
±15V supplies. Most behavior remains unchanged
throughout the full operating voltage range. Parameters which
vary significantly with operating voltage are shown in the
Typical Performance Curves.
OFFSET VOLTAGE TRIM
The INA143 and INA2143 are laser trimmed for low offset
voltage and drift. Most applications require no external offset
adjustment. Figure 3 shows an optional circuit for trimming
the output offset voltage. The output is referred to the output
reference terminal (pin 1), which is normally grounded. A
voltage applied to the Ref terminal will be summed with the
output signal. This can be used to null offset voltage as
shown in Figure 3. The source impedance of a signal applied
to the Ref terminal should be less than 10
Ω to maintain good
common-mode rejection.
V
3
2
6
3
1
INA143
V
O = 0.1 (V3 – V2)
5
R
4
100k
Ω
R
3
10k
Ω
R
2
100k
Ω
R
1
10k
Ω
V
2
–In
+In
FIGURE 2. G = 0.1 Difference Amplifier.
FIGURE 3. Offset Adjustment.
V
3
5
6
3
V
O
INA143
V
O = 10 (V3 – V2)
Offset Adjustment
Range =
±3mV
Compensates
for impedance at
pin 1—see text.
G = 10
2
R
4
100k
Ω
V
2
10
Ω
499k
Ω
100
Ω
100k
Ω
+15V
–15V
1
R
3
10k
Ω
R
1
10k
Ω
R
2
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com