| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8994ECS/R bảng dữ liệu(PDF) 163 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R bảng dữ liệu(HTML) 163 Page - Cirrus Logic |
|
163 / 363 page ![]() WM8994 Rev 4.6 163 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R1848 (0738h) Interrupt Status 1 Mask 10 IM_GP11_EI NT 1 GPIO11 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 9 IM_GP10_EI NT 1 GPIO10 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 8 IM_GP9_EI NT 1 GPIO9 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 7 IM_GP8_EI NT 1 GPIO8 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 6 IM_GP7_EI NT 1 GPIO7 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 5 IM_GP6_EI NT 1 GPIO6 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 4 IM_GP5_EI NT 1 GPIO5 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 3 IM_GP4_EI NT 1 GPIO4 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 2 IM_GP3_EI NT 1 GPIO3 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 1 IM_GP2_EI NT 1 GPIO2 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. 0 IM_GP1_EI NT 1 GPIO1 Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. |