công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0830367 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 0830367
Giải thích chi tiết về linh kiện  US-EMLP (40X10) SR CUS - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830367 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  0830367 Datasheet HTML 1Page - PHOENIX CONTACT 0830367 Datasheet HTML 2Page - PHOENIX CONTACT 0830367 Datasheet HTML 3Page - PHOENIX CONTACT 0830367 Datasheet HTML 4Page - PHOENIX CONTACT 0830367 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Number of individual labels
28
Number of individual labels per row
2
Identification technology
Thermal transfer for sheets and cards
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Foil strength
500 µm
Adhesive strength
50 µm
Adhesive
Acrylic
Color
silver
Material
PVC
Flammability rating according to UL 94
V0
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
US-EMLP (40X10) SR CUS - Plastic label
0830367
https://www.phoenixcontact.com/us/products/0830367
Jun 17, 2025, 7:28AM
Page 2 (5)



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com