công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XHS35F-100-R1-SS-EPROGA bảng dữ liệu(PDF) 1 Page - Sensata Technologies, Inc.

tên linh kiện XHS35F-100-R1-SS-EPROGA
Giải thích chi tiết về linh kiện  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-100-R1-SS-EPROGA bảng dữ liệu(HTML) 1 Page - Sensata Technologies, Inc.

  XHS35F-100-R1-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
| HS35
3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
SPECIFICATIONS
Material
Cover: Die cast Aluminum with Iridite finish
Body: Aluminium
Shaft: AISI 303 Stainless Steel
Bearings
6807 Series - sealed
Maximum Loads
Axial
50 N
Radial
80 N
Shaft inertia
2,852 oz-in-sec2 (1"") SS
2,8125 oz-in-sec2 (1"") BS
Torque (1)
Through shaft version (SS) = 11,3 in-oz (at 1000 min-1)
Blind shaft version (BS) = 8,5 in-oz (at 1000 min-1)
Permissible Max. Speed
6 000 min-1
Continuous Max. Speed
4000 min-1
Encoder Weight (Approx.)
22,92 Oz
Theoretical Mechanical Lifetime 109 turns
(Faxial / Fradial)
140x109 at 25 N / 40 N
17x109 at 50 N / 80 N
Mechanical
The HS35 combines the rugged, heavy-duty features usually associated with shafted encoders into a hollow shaft style. Its design includes dual
bearings and shaft seals for NEMA 4, 13 and IP65 environmental ratings, a rugged metal housing, and a sealed connector or cable gland. The HS35
accommodates shafts up to 1” in diameter. With optional insulating inserts, it can be mounted on smaller diameter shafts. It can be mounted on a
through shaft or a blind shaft with a closed cover to maintain its environmental rating. The HS35 is also available with a dual output option (inset) to
provide redundant encoder signals, dual resolutions, or to supply two separate controllers from a single encoder.
For Generation 1
datasheet click here.
Features
Applications
HS35 Rotary Incremental Encoder:
• Robustness and excellent resistance to shocks / vibrations
• High Protection Level IP65 (NEMA 4 & 13)
• High Resolutions Available: Up to 500 000 ppr
• Universal Electronic Circuits from 4.75 to 30 Vdc
• High Performance in Temperatures –40°C to 100°C
• High bandwidth: Up to 1MHz
• Resolution and outputs HTL/TTL programmable
• Hard anodization available in special features
• Certifications in Hazardous Locations: Intrinsically safe or Non-incendive UL/
Atex/IECEx
• Steel, Glass, Paper mills
• Wood industry
• Wind energy
• Power generators
• Mining drilling
• Gas engines
(1)
The rubber shaft seal is recommended in virtually all installations. The most common exceptions are applications requiring a very low starting torque or those requiring operation at both
high temperature and high speed. For these exceptions, a felt shaft seal is recommended. Felt seals require very low starting torque and can virtually eliminate frictional heat. Encoders
ordered with felt shaft seals will have an enclosure rating of IP50 and will have less than 1/10th the Starting Torque specified under Mechanical Configurations.


Số phần tương tự - XHS35F-100-R1-SS-EPROGA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensata Technologies, I...
XHS35F-100-R1-SS-12GC SENSATA-XHS35F-100-R1-SS-12GC Datasheet
1,006Kb / 7P
3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-100-R1-SS-12NB SENSATA-XHS35F-100-R1-SS-12NB Datasheet
1,006Kb / 7P
3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-100-R1-SS-13GC SENSATA-XHS35F-100-R1-SS-13GC Datasheet
1,006Kb / 7P
3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-100-R1-SS-13NB SENSATA-XHS35F-100-R1-SS-13NB Datasheet
1,006Kb / 7P
3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
XHS35F-100-R1-SS-14GC SENSATA-XHS35F-100-R1-SS-14GC Datasheet
1,006Kb / 7P
3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
REV: 06/03/25
More results

Mô tả tương tự - XHS35F-100-R1-SS-EPROGA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Baumer IVO GmbH & Co. K...
Z119024 IVO-Z119024 Datasheet
210Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119040 IVO-Z119040 Datasheet
213Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119041 IVO-Z119041 Datasheet
233Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119043 IVO-Z119043 Datasheet
231Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119050 IVO-Z119050 Datasheet
211Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119068 IVO-Z119068 Datasheet
229Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119070 IVO-Z119070 Datasheet
239Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119072 IVO-Z119072 Datasheet
226Kb / 1P
Accessories Torque supports for hollow shaft encoders
Z119076 IVO-Z119076 Datasheet
213Kb / 1P
Accessories Torque supports for hollow shaft encoders
logo
TT Electronics.
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
Incremental Hollow Shaft Encoder
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com